전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT4059N 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74HCT4059N
상세설명  Programmable divide-by-n counter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4059N 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT4059N Datasheet HTML 6Page - NXP Semiconductors 74HCT4059N Datasheet HTML 7Page - NXP Semiconductors 74HCT4059N Datasheet HTML 8Page - NXP Semiconductors 74HCT4059N Datasheet HTML 9Page - NXP Semiconductors 74HCT4059N Datasheet HTML 10Page - NXP Semiconductors 74HCT4059N Datasheet HTML 11Page - NXP Semiconductors 74HCT4059N Datasheet HTML 12Page - NXP Semiconductors 74HCT4059N Datasheet HTML 13Page - NXP Semiconductors 74HCT4059N Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1998 Jul 08
10
Philips Semiconductors
Product specification
Programmable divide-by-n counter
74HC/HCT4059
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆I
CC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
Note
1. From master preset mode to any other mode.
INPUT
UNIT LOAD COEFFICIENT
CP
0.65
LE
0.65
Jn
0.50
Ka
1.00
Kb
1.50
Kc
0.85
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max. min. max.
min. max.
tPHL/ tPLH
propagation delay
CP to Q
24
46
58
69
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
LE to Q
24
46
58
69
ns
4.5
Fig.8
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.7
tW
clock pulse width
CP
20
7
25
30
ns
4.5
Fig.7
trem
removal time
Kb, Kc to CP
15
7
9
22
ns
4.5
Fig.9; note 1
fmax
maximum clock pulse
frequency
21
36
17
14
MHz
4.5
Fig.7


유사한 부품 번호 - 74HCT4059N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT4051 PHILIPS-74HCT4051 Datasheet
126Kb / 16P
   8-channel analog multiplexer/demultiplexer
December 1990
logo
Texas Instruments
74HCT4051 TI-74HCT4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
logo
NXP Semiconductors
74HCT4051 NXP-74HCT4051 Datasheet
220Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 6-13 December 2011
74HCT4051 PHILIPS-74HCT4051 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
74HCT4051 NEXPERIA-74HCT4051 Datasheet
399Kb / 28P
   8-channel analog multiplexer/demultiplexer
Rev. 11 - 5 December 2022
More results

유사한 설명 - 74HCT4059N

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
HEF4059BT-652 ETC2-HEF4059BT-652 Datasheet
61Kb / 6P
   Programmable divide-by-n counter
logo
NXP Semiconductors
HEF4059B PHILIPS-HEF4059B Datasheet
58Kb / 6P
   Programmable divide-by-n counter
January 1995
logo
Texas Instruments
CD4059AE TI1-CD4059AE Datasheet
533Kb / 14P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A_15 Datasheet
520Kb / 13P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A Datasheet
588Kb / 16P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
CD4059A TI-CD4059A Datasheet
394Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
Texas Instruments
CD4522BE TI1-CD4522BE Datasheet
527Kb / 15P
[Old version datasheet]   CMOS Programmable BCD Divide-by-N Counter
logo
STMicroelectronics
HCC4018B STMICROELECTRONICS-HCC4018B Datasheet
273Kb / 12P
   PRESETTABLE DIVIDE-BY-N COUNTER
logo
R & E International, In...
SCL4018B RANDE-SCL4018B Datasheet
259Kb / 1P
   PRESTTABLE DIVIDE-BY-N COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com