전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT4511 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74HCT4511
상세설명  BCD to 7-segment latch/decoder/driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4511 데이터시트(HTML) 2 Page - NXP Semiconductors

  74HCT4511 Datasheet HTML 1Page - NXP Semiconductors 74HCT4511 Datasheet HTML 2Page - NXP Semiconductors 74HCT4511 Datasheet HTML 3Page - NXP Semiconductors 74HCT4511 Datasheet HTML 4Page - NXP Semiconductors 74HCT4511 Datasheet HTML 5Page - NXP Semiconductors 74HCT4511 Datasheet HTML 6Page - NXP Semiconductors 74HCT4511 Datasheet HTML 7Page - NXP Semiconductors 74HCT4511 Datasheet HTML 8Page - NXP Semiconductors 74HCT4511 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
December 1990
2
Philips Semiconductors
Product specification
BCD to 7-segment latch/decoder/driver
74HC/HCT4511
FEATURES
• Latch storage of BCD inputs
• Blanking input
• Lamp test input
• Driving common cathode LED displays
• Guaranteed 10 mA drive capability per output
• Output capability: non-standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT4511 are high-speed Si-gate CMOS
devices and are pin compatible with “4511” of the “4000B”
series. They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT4511 are BCD to 7-segment
latch/decoder/drivers with four address inputs (D1 to D4),
an active LOW latch enable input (LE), an active LOW
ripple blanking input (BI), an active LOW lamp test input
(LT), and seven active HIGH segment outputs (Qa to Qg).
When LE is LOW, the state of the segment outputs (Qa to
Qg) is determined by the data on D1 to D4.
When LE goes HIGH, the last data present on D1 to D4 are
stored in the latches and the segment outputs remain
stable.
When LT is LOW, all the segment outputs are HIGH
independent of all other input conditions. With LT HIGH, a
LOW on BI forces all segment outputs LOW. The inputs LT
and BI do not affect the latch circuit.
APPLICATIONS
• Driving LED displays
• Driving incandescent displays
• Driving fluorescent displays
• Driving LCD displays
• Driving gas discharge displays
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5 V
Dn to Qn
24
24
ns
LE to Qn
23
24
ns
BI to Qn
19
20
ns
LT to Qn
12
13
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per latch
notes 1 and 2
64
64
pF


유사한 부품 번호 - 74HCT4511

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
74HCT4511D NEXPERIA-74HCT4511D Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
More results

유사한 설명 - 74HCT4511

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
   BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
   BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
   BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com