전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC4538 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74HC4538
상세설명  Dual retriggerable precision monostable multivibrator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4538 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74HC4538 Datasheet HTML 5Page - NXP Semiconductors 74HC4538 Datasheet HTML 6Page - NXP Semiconductors 74HC4538 Datasheet HTML 7Page - NXP Semiconductors 74HC4538 Datasheet HTML 8Page - NXP Semiconductors 74HC4538 Datasheet HTML 9Page - NXP Semiconductors 74HC4538 Datasheet HTML 10Page - NXP Semiconductors 74HC4538 Datasheet HTML 11Page - NXP Semiconductors 74HC4538 Datasheet HTML 12Page - NXP Semiconductors 74HC4538 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
September 1993
9
Philips Semiconductors
Product specification
Dual retriggerable precision monostable
multivibrator
74HC/HCT4538
NON-STANDARD DC CHARACTERISTICS FOR 74HCT
Voltages are referenced to GND (ground = 0 V)
Note
1. This measurement can only be carried out after a trigger pulse is applied.
AC WAVEFORMS
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VI
(V)
OTHER
+25
−40 to +85 −40 to +125
min. typ max. min. max. min.
max.
±II
input leakage current
nRCEXT
0.5
5.0
10.0
µA
5.5
2.0
or
GND
VCC or GND;
note 1
Fig.8
Waveforms showing the input (nA1,nA0,nRD) to output (nQ, nQ) propagation delays, the output transition
times, the input and output pulse widths, the removal time from direct reset (nRD) to input (nA1,nA0), and
the input retrigger time.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


유사한 부품 번호 - 74HC4538

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74HC4538 ONSEMI-74HC4538 Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
STMicroelectronics
74HC4538 STMICROELECTRONICS-74HC4538 Datasheet
288Kb / 14P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Texas Instruments
74HC4538 TI-74HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
logo
Toshiba Semiconductor
74HC4538 TOSHIBA-74HC4538 Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
74HC4538 FAIRCHILD-74HC4538 Datasheet
119Kb / 10P
   Dual Retriggerable Monostable Multivibrator
More results

유사한 설명 - 74HC4538

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
   Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC_HCT4538 PHILIPS-74HC_HCT4538_15 Datasheet
150Kb / 24P
   Dual retriggerable precision monostable multivibrator
Rev. 03-8 June 2009
logo
Nexperia B.V. All right...
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com