전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8230YRZ-REEL7 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8230YRZ-REEL7
상세설명  16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8230YRZ-REEL7 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8230YRZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8230YRZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8230YRZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8230YRZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8230YRZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8230YRZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8230YRZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8230YRZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8230YRZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8230
Rev. 0 | Page 7 of 16
VREF (V)
–40
–30
–20
–10
0
10
20
30
40
–0.5
0
–1.5
–1.0
0.5
1.0
1.5
NORMALIZED FOR VREF = 0V
Figure 10. Offset Voltage (RTI) vs. Reference Voltage
FREQUENCY (Hz)
60
70
80
90
100
110
120
130
10
100
1k
10k
CMR WITH NO SOURCE IMBALANCE
CMR WITH 1k SOURCE IMBALANCE
40
50
Figure 11. Common-Mode Rejection vs. Frequency
SOURCE IMPEDANCE (k
Ω)
110
112
114
116
118
120
122
124
126
128
130
46
02
8
10
12
±5V SUPPLY
±8V SUPPLY
Figure 12. Common-Mode Rejection vs.
Source Impedance, 1.1 µF Across Input Pins
TEMPERATURE (
°C)
5.4k
5.6k
5.8k
6.0k
6.2k
6.4k
6.6k
6.8k
–50
–30
–10
10
30
50
70
90
110
130
±8V
±5V
Figure 13. Clock Frequency vs. Temperature
COMMON-MODE VOLTAGE (V)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–2
0
–6
–4
246
–40
°C
+25
°C
+85
°C
0
°C
+125
°C
Figure 14. Average Input Bias Current vs. Common-Mode Voltage
−40°C, +25°C, +85°C, +125°C
TEMPERATURE (
°C)
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
0
–50
50
100
150
±8V
±5V
Figure 15. Supply Current vs. Temperature


유사한 부품 번호 - AD8230YRZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8230YRZ-REEL71 AD-AD8230YRZ-REEL71 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
More results

유사한 설명 - AD8230YRZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com