전자부품 데이터시트 검색엔진 |
|
SMB30C 데이터시트(PDF) 1 Page - Lite-On Technology Corporation |
|
SMB30C 데이터시트(HTML) 1 Page - Lite-On Technology Corporation |
1 / 4 page POWER SEMICONDUCTOR LITE ON SMB SERIES FEATURES Rating to 200V VBR For surface mounted applications Reliable low cost construction utilizing molded plastic technique Plastic material has UL flammability classification 94V-O Typical IR less than 1uA above 10V Fast response time: typically less than 1.0ps for Uni-direction,less than 5.0ns for Bi-direction,form 0 Volts to BV min MECHANICAL DATA Case : Molded plastic Polarity : by cathode band denotes uni-directional device none cathode band denotes bi-directional device Weight : 0.003 ounces, 0.093 gram TJ Operating Temperature Range -55 to +150 TSTG Storage Temperature Range -55 to +175 C IFSM Peak Forward Surge Current 8.3ms single half sine-wave super imposed on rated load (Note 3) 100 AMPS. UNIT PM(AV) 5.0 WATTS Steady State Power Dissipation at TL =75 C PPK WATTS PEAK POWER DISSIPATION AT TA = 25 C, TP = 1ms (Note 1,2) SYMBOLS VALUE Minimum 600 C CHARACTERISTICS (JEDEC METHOD) SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS STAND-OFF VOLTAGE - 6.8 to 200 Volts POWER DISSIPATION - 600 WATTS NOTES : 1. Non-repetitive current pulse, per fig. 3 and derated above TA= 25 C per fig.1. 2. Thermal Resistance junction to Lead 3. 8.3ms single half-sine wave duty cycle= 4 pulses maximum per minute (unidirectional units only). 4. VF= 3.5V on SMB6.8 thru SMB90A devices and VF= 5.0V on SMB100 thru SMB200A devices. Maximum Instantaneous forward voltage at 50A for unidirectional devices only (Note 3) VF SEE NOTE 4 Volts MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20% REV. 1, 24-May-2000 SMB All Dimensions in millimeter SMB DIM. MIN. MAX. A C D E F G H B 4.06 4.57 3.94 3.30 1.96 2.21 0.31 0.15 5.21 5.59 0.05 0.20 2.01 2.62 0.76 1.52 C B A H E F G D |
유사한 부품 번호 - SMB30C |
|
유사한 설명 - SMB30C |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |