전자부품 데이터시트 검색엔진 |
|
SBU60-110 데이터시트(PDF) 1 Page - DB Lectro Inc |
|
SBU60-110 데이터시트(HTML) 1 Page - DB Lectro Inc |
1 / 2 page Sym. Parameter Test Conditions Min. Typ. Max. Unit Vin Input Voltage 90 264 VAC Fin Input Frequency 47 63 Hz Wo Output Power Range Vin=90 to 264VAC 0 63 W Vo Output Voltage Range See rating chart V Io Output Current Range See rating chart A Iil Input Current (Low Line) Io=Full load, Vin=115VAC 1.6 A Iih Input Current (High Line) Io=Full load, Vin=230 VAC 1.0 A Irl Low Line Inrush Current Io=Full load, 25 c, Cool start, Vin=115VAC 12 15 A Irh High Line Inrush Current Io=Full load, 25 c, Cool start, Vin=230VAC 26 30 A Eff Efficiency Io=Full Load, Vin=230VAC 70 80 88 % REG-i Line Regulation Io=Full Load 0.5 1 % REG-o Load Regulation Vin=230VAC 3 6 % OVP Over Voltage Protection 112 132 % OCP Over Current Protection 110 150 % Ttr Transient Response Io=Full Load to Half Load, Vin=100VAC 4 mS Thold Hold-Up Time Io=Full Load, Vin=100VAC 18 20 mS Ts Start Up Time Io=Full Load, Vin=100VAC 0.3 1 2 S Vrn Ripple & Noise (Pe ak to Peak) Full Load, Vin=90VAC 1 2 % Ilk Safety Ground Leakage Current Io=Full Load, Vin=240VAC 0.4 0.45 mA Tc Temperature Coefficient All output -0.04 0.04 %/ c SBU60 SERIES Description: The SBU60 series of compact, open frame constructed, AC/DC switching mode power supplies provide 63 Watts of continuous output power . They are ideally suited for use in CRT terminals, disc drive systems, microprocess or based systems, portable equipments and many other applications, all models are designed to meet the safety requirements of UL1950/EN60950 requirements. All units are 100% burned in and tested. Wide Input Voltage 90 to 264 VAC,47 to 63 Hz Internal EMI filter Single to Quad Output Input connector mates with Molex housing 09-50-3051 and Molex 2878 series crimp terminal Output connector mates with Molex housing 09-50-3061 (or 09-50-3081) and Molex 2878 series crimp terminal Output Voltage Available From 3 VDC Thru 50 VDC Input Surge Current, Over Voltage and Over Load protection Size: 3"x5"x1.09" Class I Insulation Two Years Warranty Electrical Characteristics: Sym. Parameter Test Conditions Min. Typ. Max. Unit Toper Operating Temperature 0 70 c Tstg Storage Temperature -40 85 c Hr Relative Humidity 5 95 % Pd Derate linearly from 100% load at 40 c to 50% load at 70 c Safety Specifications: Environmental : Safety Approvals : Sym. Parameter Test Conditions Min. Typ. Max. Unit Vps Dielectric Withstanding Voltage for Primary to secondary Primary to secondary 4242 VDC Vpg Dielectric Withstanding Voltage for Primary to ground Primary to ground 2121 VDC Ri Isolation Resistance Test Voltage = 500VDC 50 M CISPR EMI requirements for CISPR-22 Vin=220VAC B CLASS FCC EMI requirements for FCC PART-15 Vin=110VAC B CLASS CB CUS Bauart gepruft Testing & Certification ITS Features: 63W Open Frame Switching Power Supplies For I.T.E. DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com |
유사한 부품 번호 - SBU60-110 |
|
유사한 설명 - SBU60-110 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |