전자부품 데이터시트 검색엔진 |
|
74HCT643 데이터시트(PDF) 4 Page - NXP Semiconductors |
|
74HCT643 데이터시트(HTML) 4 Page - NXP Semiconductors |
4 / 6 page December 1990 4 Philips Semiconductors Product specification Octal bus transceiver; 3-state; true/inverting 74HC/HCT643 DC CHARACTERISTICS FOR 74HC For the DC characteristics see “74HC/HCT/HCU/HCMOS Logic Family Specifications”. Output capability: bus driver ICC category: MSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr =tf = 6 ns; CL =50pF SYMBOL PARAMETER Tamb (°C) UNIT TEST CONDITIONS 74HC VCC (V) WAVEFORMS +25 −40 to +85 −40 to +125 min. typ. max. min. max. min. max. tPHL/ tPLH propagation delay An to Bn; inverting 25 9 7 90 18 15 115 23 20 135 27 23 ns 2.0 4.5 6.0 Fig.5 tPHL/ tPLH propagation delay Bn to An; non-inverting (true) 28 10 8 90 18 15 115 23 20 135 27 23 ns 2.0 4.5 6.0 Fig.6 tPZH/ tPZL 3-state output enable time OE, DIR to An; OE, DIR to Bn 39 14 11 150 30 26 190 38 33 225 45 38 ns 2.0 4.5 6.0 Fig.7 tPHZ/ tPLZ 3-state output disable time OE, DIR to An; OE, DIR to Bn 44 16 13 150 30 26 190 38 33 225 45 38 ns 2.0 4.5 6.0 Fig.7 tTHL/ tTLH output transition time 14 5 4 60 12 10 75 15 13 90 18 15 ns 2.0 4.5 6.0 Fig.5 and Fig.6 |
유사한 부품 번호 - 74HCT643 |
|
유사한 설명 - 74HCT643 |