전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC7030 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74HC7030
상세설명  9-bit x 64-word FIFO register; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7030 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74HC7030 Datasheet HTML 6Page - NXP Semiconductors 74HC7030 Datasheet HTML 7Page - NXP Semiconductors 74HC7030 Datasheet HTML 8Page - NXP Semiconductors 74HC7030 Datasheet HTML 9Page - NXP Semiconductors 74HC7030 Datasheet HTML 10Page - NXP Semiconductors 74HC7030 Datasheet HTML 11Page - NXP Semiconductors 74HC7030 Datasheet HTML 12Page - NXP Semiconductors 74HC7030 Datasheet HTML 13Page - NXP Semiconductors 74HC7030 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
December 1990
10
Philips Semiconductors
Product specification
9-bit x 64-word FIFO register; 3-state
74HC/HCT7030
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: LSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
OE
SI
Dn
MR
SO
1.00
1.50
0.75
1.50
1.50
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max. min. max.
min.
max.
tPHL/ tPLH
propagation delay
MR to DIR, DOR
30
51
53
63
ns
4.5
Fig.8
tPHL/ tPLH
propagation delay
SI to DIR
29
49
61
74
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
SO to DOR
39
67
84
101
ns
4.5
Fig.9
tPHL/ tPLH
propagation delay
SO to Qn
46
78
98
117
ns
4.5
Fig.14
tPHL/ tPLH
propagation delay
DOR to Qn
7
12
15
18
ns
4.5
Fig.10
tPLH
propagation delay/ripple
through delay
SI to DOR
0.9
1.6
2.0
2.4
µs
4.5
Fig.10
tPLH
propagation delay/
bubble-up delay
SO to DIR
1.2
2.0
2.5
3.0
µs
4.5
Fig.7
tPZH/ tPZL
3-state output enable
OE to Qn
20
35
44
53
ns
4.5
Fig.16
tPHZ/ tPLZ
3-state output disable
OE to Qn
19
35
44
53
ns
4.5
Fig.16
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.14


유사한 부품 번호 - 74HC7030

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC7014 PHILIPS-74HC7014 Datasheet
61Kb / 9P
   Hex non-inverting precision Schmitt-trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC7014 NEXPERIA-74HC7014 Datasheet
209Kb / 11P
   Hex non-inverting precision Schmitt-trigger
Rev. 5 - 7 July 2022
74HC7014-Q100 NEXPERIA-74HC7014-Q100 Datasheet
833Kb / 12P
   Hex non-inverting precision Schmitt-trigger
logo
NXP Semiconductors
74HC7014D PHILIPS-74HC7014D Datasheet
61Kb / 9P
   Hex non-inverting precision Schmitt-trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC7014D NEXPERIA-74HC7014D Datasheet
209Kb / 11P
   Hex non-inverting precision Schmitt-trigger
Rev. 5 - 7 July 2022
More results

유사한 설명 - 74HC7030

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
Renesas Technology Corp
M66288FP RENESAS-M66288FP Datasheet
511Kb / 24P
   262144-word x 8-bit x 3-FIFO MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com