전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT7030 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74HCT7030
상세설명  9-bit x 64-word FIFO register; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT7030 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT7030 Datasheet HTML 7Page - NXP Semiconductors 74HCT7030 Datasheet HTML 8Page - NXP Semiconductors 74HCT7030 Datasheet HTML 9Page - NXP Semiconductors 74HCT7030 Datasheet HTML 10Page - NXP Semiconductors 74HCT7030 Datasheet HTML 11Page - NXP Semiconductors 74HCT7030 Datasheet HTML 12Page - NXP Semiconductors 74HCT7030 Datasheet HTML 13Page - NXP Semiconductors 74HCT7030 Datasheet HTML 14Page - NXP Semiconductors 74HCT7030 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
December 1990
11
Philips Semiconductors
Product specification
9-bit x 64-word FIFO register; 3-state
74HC/HCT7030
tW
SI pulse width
HIGH or LOW
12
6
15
18
ns
4.5
Fig.6
tW
SO pulse width
HIGH or LOW
15
9
19
22
ns
4.5
Fig.9
tW
DIR pulse width
HIGH
7
22
37
6
46
6
56
ns
4.5
Fig.7
tW
DOR pulse width
HIGH
6
20
35
5
44
5
53
ns
4.5
Fig.10
tW
MR pulse width
LOW
18
10
23
27
ns
4.5
Fig.8
trem
removal time
MR to SI
18
10
23
27
ns
4.5
Fig.15
tsu
set-up time
Dn to SI
−5
−16
−4
−4
ns
4.5
Fig.13
th
hold time
Dn to SI
30
18
38
45
ns
4.5
Fig.13
fmax
maximum clock pulse
frequency
SI, SO burst mode
15
26
12
10
MHz
4.5
Figs 11 and 12
fmax
maximum clock pulse
frequency
SI, SO using flags
15
26
12
10
MHz
4.5
Figs 6 and 9
fmax
maximum clock pulse
frequency
SI, SO cascaded
13
22
10
8.6
MHz
4.5
Figs 6 and 9
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max. min. max.
min.
max.


유사한 부품 번호 - 74HCT7030

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT7046A PHILIPS-74HCT7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
74HCT7046A NXP-74HCT7046A Datasheet
453Kb / 38P
   Phase-locked-loop with lock detector
December 1990
74HCT7080 PHILIPS-74HCT7080 Datasheet
52Kb / 8P
   16-bit even/odd parity generator/checker
December 1990
More results

유사한 설명 - 74HCT7030

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
Renesas Technology Corp
M66288FP RENESAS-M66288FP Datasheet
511Kb / 24P
   262144-word x 8-bit x 3-FIFO MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com