전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD2320-B1200 데이터시트(PDF) 1 Page - Bourns Electronic Solutions

부품명 CD2320-B1200
상세설명  CD2320-B1200~B11000 Surface Mount Bridge Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD2320-B1200 데이터시트(HTML) 1 Page - Bourns Electronic Solutions

  CD2320-B1200 Datasheet HTML 1Page - Bourns Electronic Solutions CD2320-B1200 Datasheet HTML 2Page - Bourns Electronic Solutions CD2320-B1200 Datasheet HTML 3Page - Bourns Electronic Solutions CD2320-B1200 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD2320-B1200~B11000 Surface Mount Bridge Rectifier Diode
Features
Lead free as standard
RoHS compliant*
Low power loss & high efficiency
High current capability
Low profile package
Applications
AC operated products
Computer monitors
Set top boxes
Cable modems
General Information
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Notes:
1 Measured @ 1.0 MHz and applied reverse voltage of 4.0 VDC.
2 Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 ˝ x 0.2 ˝ (5.0 mm x 5.0 mm) copper pad areas.
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop
increasingly smaller electronic components.
Bourns offers Bridge Rectifier Diodes for rectification applications, in compact chip package 2320 size format, which offer PCB real estate
savings and are considerably smaller than most competitive parts. The Bridge Rectifier Diodes offer a forward current of 1 A with a choice of
repetitive peak reverse voltages between 200 V and 1000 V.
Parameter
Symbol
CD2320-B1200~B11000
Unit
Operating Temperature Range
TJ
-55 to +175
°C
Storage Temperature Range
TSTG
-55 to +175
°C
CD2320-
Parameter
Symbol
B1200
B1400
B1600
B1800
B11000
Unit
Maximum Repetitive
Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current (TA = 55 °C)
I(AV)
1.0
A
DC Reverse Current @ Rated DC
Blocking Voltage (@TJ = 25 °C)
IR
5µA
DC Reverse Current @ Rated DC
Blocking Voltage (@TJ = 150 °C)
IR
200
µA
Typical Junction Capacitance
1
CJ
25
pF
Maximum Instantaneous
Forward Voltage @ 1 A
VF
1V
Typical Thermal Resistance
2
RθJL
110
°C/W
Peak forward surge current 8.3 ms
single half sine-wave superimposed
IFSM
30
A
on rated load (JEDEC Method)


유사한 부품 번호 - CD2320-B1200

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD2320-B1600 BOURNS-CD2320-B1600 Datasheet
652Kb / 1P
   RJ11 Fax/Modem (FXO)
More results

유사한 설명 - CD2320-B1200

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
   Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-DF4XXS BOURNS-CD-DF4XXS Datasheet
279Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-HD0X BOURNS-CD-HD0X Datasheet
267Kb / 4P
   Surface Mount Schottky Bridge Rectifier Diode
CD-HD2X BOURNS-CD-HD2X Datasheet
298Kb / 5P
   Surface Mount Schottky Bridge Rectifier Diode
CD-MMBL110S BOURNS-CD-MMBL110S Datasheet
183Kb / 5P
   CD-MMBL110S Surface Mount Bridge Rectifier Diode
10/21
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
   Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
DB101S DACHANG-DB101S_15 Datasheet
126Kb / 2P
   Surface Mount Bridge-Rectifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com