전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD214C-T60CA 데이터시트(PDF) 3 Page - Bourns Electronic Solutions

부품명 CD214C-T60CA
상세설명  CD214C Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214C-T60CA 데이터시트(HTML) 3 Page - Bourns Electronic Solutions

  CD214C-T60CA Datasheet HTML 1Page - Bourns Electronic Solutions CD214C-T60CA Datasheet HTML 2Page - Bourns Electronic Solutions CD214C-T60CA Datasheet HTML 3Page - Bourns Electronic Solutions CD214C-T60CA Datasheet HTML 4Page - Bourns Electronic Solutions CD214C-T60CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214C Transient Voltage Suppressor Diode Series
Product Dimensions
Recommended Pad Layout
Physical Specifications
Case ............................................Molded plastic per UL Class 94V-0
Polarity ........................Cathode band indicates unidirectional device
No cathode band indicates bidirectional device
Weight ......................................................0.007 ounces / 0.21 grams
Dimension
SMC (DO-214AB)
A
6.60 - 7.11
(0.260 - 0.280)
B
5.59 - 6.22
(0.220 - 0.245)
C
2.92 - 3.18
(0.115 - 0.125)
D
0.15 - 0.31
(0.006 - 0.112)
E
7.75 - 8.13
(0.305 - 0.320)
F
0.05 - 0.20
(0.002 - 0.008)
G
2.01 - 2.62
(0.080 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
B
G
F
D
C
H
E
A
A
C
B
MM
(INCHES)
DIMENSIONS:
Dimension
SMC (DO-214AB)
A (Max.)
4.69
(0.185)
B (Min.)
3.07
(0.121)
C (Min.)
1.52
(0.060)
MM
(INCHES)
DIMENSIONS:


유사한 부품 번호 - CD214C-T60CA

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
CD214C-T60A SUNMATE-CD214C-T60A Datasheet
520Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

유사한 설명 - CD214C-T60CA

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com