전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NAN40 데이터시트(PDF) 1 Page - Artesyn Technologies

부품명 NAN40
상세설명  Dual and triple output 40 Watt AC/DC universal input switch mode power supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTESYN [Artesyn Technologies]
홈페이지  
Logo ARTESYN - Artesyn Technologies

NAN40 데이터시트(HTML) 1 Page - Artesyn Technologies

  NAN40 Datasheet HTML 1Page - Artesyn Technologies NAN40 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
International Safety Standard Approvals
VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-1076
Licence No. 70567, 1076 and 90354
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
Certificate No. PS/605108
NAN40 SERIES
Dual and triple output
[ 2 YEAR WARRANTY ]
• 5.0 x 3.0 x 1.2 inch package (1U applications)
• Ideal for high volume designs
• Industry standard package
• Overvoltage and short circuit protection
• 40W with free air convection
• EN55022, EN55011 conducted emissions level B
The NAN40 series are 40W universal input AC/DC power supplies on a 5 x 3
inch card with a maximum component height of 1.2 inch for use in 1U
applications. These series are available with a wide range of models in the
industry standard 5 x 3 inch footprint at low cost making the series ideal for new
and existing high volume communication and industrial applications. The
NAN40 series provide 40W of output power with free air convection cooling with
a peak output of 50W for a maximum duration of 60 seconds. The NAN40
series are designed for use in high volume low power data networking,
computer and telecom applications such as hubs, routers, POS terminals, cable
modems and PABX's. This list is not exclusive as the generic feature set of both
series with industry standard output configurations provide a solution for most
high volume applications including many industrial applications.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
EMC CHARACTERISTICS
Conducted emissions
EN55022, FCC part 15
level B
Radiated emissions
EN55022, FCC part 15
level A
ESD air
EN61000-4-2, level 3
Perf. criteria 2
ESD contact
EN61000-4-2, level 4
Perf. criteria 2
Surge
EN61000-4-5, level 3
Perf. criteria 2
Fast transients
EN61000-4-4, level 3
Perf. criteria 2
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 2
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 2
GENERAL SPECIFICATIONS
Hold-up time
110VAC
10ms @ 40W
230VAC
60ms @ 40W
Efficiency
68% min. @ 40W
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
Variable
Approvals and
VDE0805, EN60950, IEC950
standards
BABT, IEC1010, UL1950
(See Note 8)
CSA C22.2 No. 950
Weight
200g (7.06oz)
MTBF
MIL-HDBK-217F
150,000 Hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating
0°C to +70°C
Non-operating
-40°C to +85°C
0°C to 50°C ambient,
40W
convection cooled
50°C to 70°C,
Derate linearly
ambient conv. cooled
to half load
Peak (0°C to 50°C) max. 60s
50W
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non operating
30,000 feet max.
Vibration
Three orthogonal axes,
2.4G rms
random vibration, 10
5Hz to 500Hz
minute test for each axis
OUTPUT SPECIFICATIONS
Line regulation
Main output
±0.5%
Auxiliary outputs
±1.0%
Total regulation
Main output
±3.0%
Auxiliary outputs
±5.0%
Overshoot/undershoot
At turn-on
<10%
Transient response
+5.1V
±150mV max. dev.,
(1.5A to 3A step)
500µs recovery
Temperature coefficient
±0.02%/°C
Overvoltage protection
+5.1V output
6.25V ±0.75Vout
Output power limit
Primary power
50W Pout, min.
limited
110W Pin, max.
Short circuit protection
Multiple output
30 seconds
INPUT SPECIFICATIONS
Input voltage range
Universal input
90 to 264VAC
120 to 370VDC
Input frequency range
47Hz to 440Hz
Input surge current
110VAC, cold start
15A
230VAC, cold start
32A
Safety ground
110VAC, 60Hz
0.2mA
leakage current
230VAC, 50Hz
0.4mA


유사한 부품 번호 - NAN40

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
NAN55 ARTESYN-NAN55 Datasheet
93Kb / 2P
   Single, dual and triple output 45 to 55 Watt AC/DC universal input switch mode power supplies
NAN55-7605 ARTESYN-NAN55-7605 Datasheet
93Kb / 2P
   Single, dual and triple output 45 to 55 Watt AC/DC universal input switch mode power supplies
NAN55-7608 ARTESYN-NAN55-7608 Datasheet
93Kb / 2P
   Single, dual and triple output 45 to 55 Watt AC/DC universal input switch mode power supplies
NAN55-7628 ARTESYN-NAN55-7628 Datasheet
93Kb / 2P
   Single, dual and triple output 45 to 55 Watt AC/DC universal input switch mode power supplies
NAN55-7629 ARTESYN-NAN55-7629 Datasheet
93Kb / 2P
   Single, dual and triple output 45 to 55 Watt AC/DC universal input switch mode power supplies
More results

유사한 설명 - NAN40

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
NFN25 ARTESYN-NFN25 Datasheet
44Kb / 2P
   Dual and triple output 25 Watt AC/DC universal input switch mode power supplies
NFS42 ARTESYN-NFS42 Datasheet
54Kb / 2P
   Triple output 40 to 50 Watt AC/DC universal input switch mode power supplies
NFS200 ARTESYN-NFS200 Datasheet
242Kb / 4P
   Triple and quad output 200 Watt AC/DC universal input switch mode power supplies
NFS350 ARTESYN-NFS350 Datasheet
238Kb / 4P
   Triple and quad output 350 Watt AC/DC universal input switch mode power supplies
NAN55 ARTESYN-NAN55 Datasheet
93Kb / 2P
   Single, dual and triple output 45 to 55 Watt AC/DC universal input switch mode power supplies
NFS50 ARTESYN-NFS50 Datasheet
84Kb / 2P
   Triple output 50 to 60 Watt AC/DC universal input switch mode power supplies
NFS50-7608 ARTESYN-NFS50-7608 Datasheet
59Kb / 2P
   Triple output 50 to 60 Watt AC/DC universal input switch mode power supplies
logo
Emerson Network Power
NLP40 EMERSON-NETWORKPOWER-NLP40 Datasheet
91Kb / 3P
   40-50 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3322 ARTESYN-NLP65-3322 Datasheet
52Kb / 3P
   60W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com