전자부품 데이터시트 검색엔진 |
|
NAN55 데이터시트(PDF) 1 Page - Artesyn Technologies |
|
NAN55 데이터시트(HTML) 1 Page - Artesyn Technologies |
1 / 2 page OUTPUT SPECIFICATIONS Output Power Natural convection 45W max. 5CFM forced air 55W max. Rise time At turn-on 1.0s max. Total regulation See Note 5 See table Overshoot/undershoot At turn-on, min. load 5% Transient response Single: +5V 5.0% max. dev.; (7.5 to 10A step) 1ms recovery Multi: +5V (3.5 to 6.6A step) Multi: +12V (0.75 to 1.5A step) Triple: -12V (0.10 to 0.20A step) Temperature coefficient ±0.02%/°C Overvoltage protection Single output 5.6 to 6.9V Dual and triple output 5.5 to 7.0V Short circuit protection Yes, with auto-restart Minimum output current Models: 7605 and 7628 1A Models: 7629 and 7608 (See Note 5) INPUT SPECIFICATIONS Input voltage range Universal input 90 to 264VAC 100 to 370VDC Input frequency range 47Hz to 440Hz Input surge current 120VAC, cold start 20A 230VAC, cold start 40A Safety ground 132VAC, 60Hz 0.2mA leakage current 240VAC, 50Hz 0.4mA Input current 120VAC 1.4A rms max. 230VAC 0.8A rms max. Input fuse 250VAC H 3A NAN55 SERIES Single, dual and triple output [ 2 YEAR WARRANTY ] • 5.0 x 3.0 x 1.2 inch package (1U applications) • Industry standard package • Overvoltage and short circuit protection • 45W with free air convection • 55 Watts with 5CFM • EN55022, EN55011 conducted emissions level B • UL, VDE and CSA safety approvals The NAN55 series is a 55W universal input AC/DC power supply on a 5 x 3 inch card with a maximum component height of 1.2 inches for use in 1U applications. The NAN55 series is available in four standard models, in the traditional 40W standard footprint, but with increased load capability on the main 5V output. This ensures suitability for logic and processor applications that have larger load requirements than existing 40W designs due to increased functionality. The NAN55 provides 45W of output power with free air convection cooling which can be boosted to 55W with 5CFM of air. Standard features include overvoltage and short circuit protection. The series, with full international safety approval and the CE mark, meets conducted emissions EN55022 level B. The NAN55 series is designed for use in low power data networking and computer applications such as hubs, routers, POS terminals, internet servers and cable modems. SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated PAGE 1 EMC CHARACTERISTICS Conducted emissions EN55022, FCC part 15 Level B Radiated emissions EN55022, FCC part 15 Level A ESD air EN61000-4-2, level 3 Perf. criteria 1 ESD contact EN61000-4-2, level 4 Perf. criteria 1 Surge EN61000-4-5, level 3 Perf. criteria 1 Fast transients EN61000-4-4, level 3 Perf. criteria 1 Radiated immunity EN61000-4-3, level 3 Perf. criteria 2 Conducted immunity EN61000-4-6, level 3 Perf. criteria 1 GENERAL SPECIFICATIONS Hold-up time 120VAC, 60Hz 12ms @ 55W Efficiency 120VAC 70% min. @ 45W Isolation voltage Input/output 3000VAC Input/chassis 1500VAC Switching frequency 25kHz min. Approvals and EN60950, VDE0805, UL1950 standards (See Note 9) CSA C22.2 No. 950 Weight 200g (7.06oz) MTBF (See Note 2) MIL-HDBK-217F 150,000 Hours ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient 0°C to +50°C (See Notes 7, 8) Non-operating -40°C to +85°C 0°C to 50°C ambient, 45W convection cooled 50°C to 70°C, Derate linearly ambient conv. cooled to 50% load at 70°C Peak (0°C to 50°C) max. 60s 55W Relative humidity Non-condensing 5% to 95% RH Altitude Operating 10,000 feet max. Non operating 30,000 feet max. Vibration Three orthogonal 2.4G rms approx. axes, random 5Hz to 500Hz vibration, 10 minute test for each axis Shock MIL-STD-810E 516.4 Part IV |
유사한 부품 번호 - NAN55 |
|
유사한 설명 - NAN55 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |