전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NFS50-7608 데이터시트(PDF) 1 Page - Artesyn Technologies

부품명 NFS50-7608
상세설명  Triple output 50 to 60 Watt AC/DC universal input switch mode power supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTESYN [Artesyn Technologies]
홈페이지  
Logo ARTESYN - Artesyn Technologies

NFS50-7608 데이터시트(HTML) 1 Page - Artesyn Technologies

  NFS50-7608 Datasheet HTML 1Page - Artesyn Technologies NFS50-7608 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NFS50-7608
Triple output
[ 2 YEAR WARRANTY ]
• 6.3 x 3.94 x 1.5 inch package (1U applications)
• Overvoltage and short circuit protection
• 50W with free air convection cooling
• Regulation to no load
• Isolated output option
• EN55022, EN55011 conducted emissions level A
• UL, VDE and CSA safety approvals
• NFS50 Medical IEC601 approved
The NFS50-7608 is a 50W universal input AC/DC power supply on a 6.3 x 3.94 inch
card with a maximum component height of 1.5 inches for use in 1U applications. The
NFS50-7608 series can regulate on the auxiliary outputs down to no load making it
suitable for applications that require a heavy logic load on the main 5V output and low
nominal loads with high peak capability for drives, relays or switches on the auxiliary
outputs. The NFS50-7608 provides 50W of output power with free air convection
cooling which can be boosted to 60W with 20CFM of air. Standard features include
overvoltage and short circuit protection. The series, with full international safety approval
and the CE mark, meets conducted emissions EN55022 level A. The NFS50-7608
series is designed for use in low power data networking, computer, telecom and
industrial applications such as POS terminals, servers, PABX's, industrial PC's and
process automation.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
OUTPUT SPECIFICATIONS
Voltage adjustability
+5V output
±3%
+12V tracks the 5V output
Line regulation
LL to HL at max. load
±0.3%
Total regulation
Main output (output 1)
±2.5%
All other outputs
±5.0%
(See Notes 5, 6)
Overshoot/undershoot
At turn-on
0%
Transient response
5V (2.5A to 5A)
500mV max. dev.
500µs recovery to 0.5%
12V (1A to 2A)
300mV max. dev.
500µs recovery to 0.5%
Temperature coefficient All outputs
±0.03%/°C, max.
Overvoltage protection
+5V output
6.25V ±0.65V
Output power limit
Primary power
90W Pin max.
limited
60W Pout min.
Short circuit protection
Yes, with auto-restart
INPUT SPECIFICATIONS
Input voltage range
Universal input
85 to 264VAC
120 to 370VDC
Input frequency range
47 to 440Hz
Input surge current
110VAC, cold start
10A, max.
230VAC, cold start
20A max.
Safety ground
132VAC, 60Hz
0.2mA, max.
leakage current
264VAC, 50Hz
0.4mA, max.
EMC CHARACTERISTICS
Conducted emissions
EN55022, FCC part 15
Level A
Radiated emissions
EN55022, FCC part 15
Level A
ESD air
EN61000-4-2, level 3
Perf. criteria 1
EMC CHARACTERISTICS
ESD contact
EN61000-4-2, level 4
Perf. criteria 1
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 2
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 2
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 2
GENERAL SPECIFICATIONS
Hold-up time
110VAC, 50W output power
16ms
230VAC, 50W output power
100ms
Efficiency
70%, typ.
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
Variable
25kHz to 250kHz
Approvals and
VDE0805, EN60950, IEC950
standards
IEC1010, CSA C22.2 No. 950
Weight
400g (14oz)
MTBF (See Note 7)
MIL-HDBK-217E, 25°C 160,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating range
0°C to +70°C
(See derating curve)
Non-operating
–40°C to +85°C
0°C to 50°C ambient temp.,
50W
Convection cooled
0°C to 50°C ambient,
60W
Forced air @ 20 CFM
50°C to 70°C ambient
Derate linearly
to 50% load
Peak (30 seconds)
60W
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 9)
5Hz to 500Hz
2.4G rms (approx)


유사한 부품 번호 - NFS50-7608

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
NFS50-7608 ARTESYN-NFS50-7608 Datasheet
59Kb / 2P
   Triple output 50 to 60 Watt AC/DC universal input switch mode power supplies
More results

유사한 설명 - NFS50-7608

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
NFS50-7608 ARTESYN-NFS50-7608 Datasheet
59Kb / 2P
   Triple output 50 to 60 Watt AC/DC universal input switch mode power supplies
NFS42 ARTESYN-NFS42 Datasheet
54Kb / 2P
   Triple output 40 to 50 Watt AC/DC universal input switch mode power supplies
NFS200 ARTESYN-NFS200 Datasheet
242Kb / 4P
   Triple and quad output 200 Watt AC/DC universal input switch mode power supplies
NFS350 ARTESYN-NFS350 Datasheet
238Kb / 4P
   Triple and quad output 350 Watt AC/DC universal input switch mode power supplies
NAN40 ARTESYN-NAN40 Datasheet
68Kb / 2P
   Dual and triple output 40 Watt AC/DC universal input switch mode power supplies
NFN25 ARTESYN-NFN25 Datasheet
44Kb / 2P
   Dual and triple output 25 Watt AC/DC universal input switch mode power supplies
NAN55 ARTESYN-NAN55 Datasheet
93Kb / 2P
   Single, dual and triple output 45 to 55 Watt AC/DC universal input switch mode power supplies
NLP65-3334 ARTESYN-NLP65-3334 Datasheet
86Kb / 3P
   50 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP40 EMERSON-NETWORKPOWER-NLP40 Datasheet
91Kb / 3P
   40-50 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com