전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-DB45-F0000 데이터시트(PDF) 5 Page - Agilent(Hewlett-Packard)

부품명 HLMP-DB45-F0000
상세설명  T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-DB45-F0000 데이터시트(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-DB45-F0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-DB45-F0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-DB45-F0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-DB45-F0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-DB45-F0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-DB45-F0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Mechanical Option Matrix
Mechanical Option Code
Definition
00
Bulk Packaging, minimum increment 500 pcs/bag
02
Tape & Reel, straight leads, minimum increment 1300 pcs/bag
DD
Ammo Pack, straight leads with minimum increment
Note:
All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent
representative for further clarification/information.
Intensity Bin Limits
Intensity Range (mcd)
Bin
Min.
Max.
A
30.0
40.0
B
40.0
50.0
C
50.0
65.0
D
65.0
85.0
E
85.0
110.0
F
110.0
140.0
G
140.0
180.0
H
180.0
240.0
J
240.0
310.0
K
310.0
400.0
L
400.0
520.0
M
520.0
680.0
N
680.0
880.0
Color Bin Limits
(nm at 20 mA)
Blue
nm @ 20 mA
Bin ID
Min.
Max.
1
460.0
464.0
2
464.0
468.0
3
468.0
472.0
4
472.0
476.0
5
476.0
480.0
Tolerance for each bin limit will be
± 0.5nm.


유사한 부품 번호 - HLMP-DB45-F0000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DB25 AVAGO-HLMP-DB25 Datasheet
259Kb / 8P
   General purpose leads
More results

유사한 설명 - HLMP-DB45-F0000

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DS25 AVAGO-HLMP-DS25 Datasheet
254Kb / 8P
   T-1쩐 (5 mm), T-1 (3 mm) InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com