전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL120-4605 데이터시트(PDF) 1 Page - Artesyn Technologies

부품명 SL120-4605
상세설명  Single output 115/230 VAC input Floating output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTESYN [Artesyn Technologies]
홈페이지  
Logo ARTESYN - Artesyn Technologies

SL120-4605 데이터시트(HTML) 1 Page - Artesyn Technologies

  SL120-4605 Datasheet HTML 1Page - Artesyn Technologies SL120-4605 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL120 only
OUTPUT SPECIFICATIONS
Output voltage
5V Models
4.5V to 5.5V
adjustability
24V Models
18V to 26V
Line regulation
LL to HL, FL
±0.2%
Load regulation
60% FL, ±40%
SL120
±2.0%
SL220
±1.0%
Overshoot/undershoot
At turn-on
None
Transient response
SL120: +5V (12A to 20A)
±300mV,
1ms recovery
SL220: +5V (10A to 20A)
±100mV,
1ms recovery
Temperature coefficient SL120, all outputs
±0.03%/°C
SL220, all outputs
±0.05%/°C
Overvoltage protection
5V output
6.25 ±0.75V
Output power limit
SL120
130W min.
SL220
260W min.
Short circuit protection
Yes
INPUT SPECIFICATIONS
Input voltage range
User Selectable
85 to 132VAC
170 to 264VAC
Input frequency range
47Hz to 440Hz
Maximum input
SL120: 230VAC, cold start
22A
surge current
SL220: 230VAC, cold start
74A
Safety ground
230VAC Input, 50Hz
0.7mA
leakage current
GENERAL SPECIFICATIONS
Hold-up Time
Low line, full load
SL120, 110VAC
36ms
SL120, 230VAC
36ms
SL220, 110VAC
20ms
SL220, 230VAC
20ms
Efficiency
65%, max.
Isolation voltage
SL220 Input/Output
1500VAC
SL220 Input/Chassis
1500VAC
SL120 Input/Output
3750VAC
SL120 Input/Chassis
1500VAC
Approvals and
Safety: SL120 series
VDE0805,
standards
EN60950, UL478
CSA bulletin No. 1402C
Weight
SL120
1.2kg (42.4oz)
SL220
2.3kg (81.2oz)
MTBF
SL120
25,000 hours min.
SL220
50,000 hours min.
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating, See Note 8
0°C to +70°C
Non-operating
–40°C to +85°C
Relative humidity
Non-condensing
5% to 80% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
SL120: For new design-ins see the NFS110 Series instead
SL220: For new design-ins see the NFS200 and LX200 Series instead
SL120 and SL220 SERIES
Single output
[ 2 YEAR WARRANTY ]
• 115/230 VAC input
• UL, CSA and (VDE approved - SL120 only)
• Short circuit protection
• Floating output
• 20ms hold-up time min.
This series of 100 Watt to 220 Watt single output switchers use an advanced
circuit topology providing superior performance at low cost. Smaller and lighter
than equivalent linear supplies, they are available in 5V and 24V output versions.
The floating outputs can be referenced as either positive or negative. The SL120
model is UL, CSA and VDE approved. Also, selected models incorporate remote
sense. SL120/220 Series power supplies are suitable for a wide variety of
applications, including front end power systems, general industrial and telecom
equipment.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1


유사한 부품 번호 - SL120-4605

제조업체부품명데이터시트상세설명
logo
Electronic devices inc.
SL1200 EDI-SL1200 Datasheet
43Kb / 2P
   FAST RECOVERY, 100ns.HIGH VOLTAGE 40 ma, MINIATURE RECTIFIERS
logo
Schneider Electric
SL1200P5 SCHNEIDER-SL1200P5 Datasheet
139Kb / 1P
   CIRCUIT BREAKER I-LINE SUBFEED LUG KIT
SL1200P6 SCHNEIDER-SL1200P6 Datasheet
107Kb / 2P
   CIRCUIT BREAKER I-LINE SUBFEED LUG KIT
More results

유사한 설명 - SL120-4605

제조업체부품명데이터시트상세설명
logo
WAGO Kontakttechnik Gmb...
787-976 WAGO-787-976 Datasheet
274Kb / 7P
   Transformer power supply; Input voltage: 230 VAC; Output voltage: 12 ??24 VAC
787-974 WAGO-787-974 Datasheet
282Kb / 7P
   Transformer power supply; Input voltage: 230 VAC; Output voltage: 12 ??24 VAC
logo
Power-One
MAP130 POWER-ONE-MAP130 Datasheet
243Kb / 4P
   Automatic 115/230 Input Voltage Selection
MAP130 POWER-ONE-MAP130_06 Datasheet
146Kb / 4P
   Automatic 115/230 Input Voltage Selection
logo
WAGO Kontakttechnik Gmb...
288-808 WAGO-288-808 Datasheet
171Kb / 6P
   stabilized power supply; Input voltage: 230 VAC; 12 VDC output voltage; 0.5
859-772 WAGO-859-772 Datasheet
507Kb / 10P
   Optocoupler module; Nominal input voltage: 230 VAC; Output voltage range: 20 ??30 VDC;
288-815 WAGO-288-815 Datasheet
184Kb / 6P
   stabilized power supply; Input voltage: 230 VAC; 짹15 VDC output voltage; 2 x
859-712 WAGO-859-712 Datasheet
336Kb / 10P
   Optocoupler module; Nominal input voltage: 230 VAC; Output voltage range: 20 ??30 VDC
logo
International Rectifier
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
AFL270XXS IRF-AFL270XXS Datasheet
458Kb / 16P
   270V Input, Single Output
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com