전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-KB25-I00DD 데이터시트(PDF) 4 Page - Agilent(Hewlett-Packard)

부품명 HLMP-KB25-I00DD
상세설명  T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-KB25-I00DD 데이터시트(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-KB25-I00DD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-KB25-I00DD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-KB25-I00DD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-KB25-I00DD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-KB25-I00DD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-KB25-I00DD Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Soldering/Cleaning
Cleaning agents from the ketone
family (acetone, methyl ethyl
ketone, etc.) and from the
chlorinated hydrocarbon family
(methylene chloride,
trichloroethylene, carbon
tetrachloride, etc.) are not
recommended for cleaning LED
parts. All of these various
solvents attack or dissolve the
encapsulating epoxies used to
form the package of plastic LED
parts.
For information on soldering
LEDs, please refer to Application
Note 1027.
Figure 8. Relative Luminous Intensity vs. Angular Displacement
for HLMP-KB45.
Figure 7. Relative Luminous Intensity vs. Angular Displacement
for HLMP-DB25.
10°
100°
40°
70°
20°
60°
80°
30°
50°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
.6
.8
.2
.4
1.0
10°
100°
40°
70°
20°
60°
80°
30°
50°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
.6
.8
.2
.4
1.0
Figure 6. Maximum DC Forward
Current vs. Ambient Temperature.
Derating Based on TJ Max. = 115
°C.
Figure 5. Relative Luminous Intensity
vs. Forward Current.
Figure 4. Forward Current vs.
Forward Voltage.
1.00E-06
1.00E-02
10
1
PULSE WIDTH (SECONDS)
1.00E-03
1.00E-04
1.00E-05
0
1.2
0.4
IF – DC FORWARD CURRENT – mA
010
20
35
0.8
515
25
30
0.3
0.2
0.1
0.5
0.6
0.7
0.9
1.0
1.1
0
0
TA – AMBIENT TEMPERATURE – °C
30
70
35
20
10
10
50
30
80
5
15
25
20
40
60
90


유사한 부품 번호 - HLMP-KB25-I00DD

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KB45 AVAGO-HLMP-KB45 Datasheet
259Kb / 8P
   General purpose leads
HLMP-KB45-A0000 AVAGO-HLMP-KB45-A0000 Datasheet
229Kb / 6P
   Product Obsolescence Notification
More results

유사한 설명 - HLMP-KB25-I00DD

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DS25 AVAGO-HLMP-DS25 Datasheet
254Kb / 8P
   T-1쩐 (5 mm), T-1 (3 mm) InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com