전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2642-01MR 데이터시트(PDF) 4 Page - Fuji Electric

부품명 2SK2642-01MR
상세설명  N-CHANNEL SILICON POWER MOS-FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2642-01MR 데이터시트(HTML) 4 Page - Fuji Electric

  2SK2642-01MR Datasheet HTML 1Page - Fuji Electric 2SK2642-01MR Datasheet HTML 2Page - Fuji Electric 2SK2642-01MR Datasheet HTML 3Page - Fuji Electric 2SK2642-01MR Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
FUJI POWER MOSFET
2SK2642-01MR
0
50
100
150
0
20
40
60
80
100
Avalanche energy derating
Eas=f(starting Tch):Vcc=50V,I
AV=15A
Starting Tch [
o
C ]


유사한 부품 번호 - 2SK2642-01MR

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK2642 ISC-2SK2642 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK2642-01MR

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1221 FUJI-2SK1221 Datasheet
134Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK2907-01R FUJI-2SK2907-01R Datasheet
100Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3262-01MR FUJI-2SK3262-01MR Datasheet
138Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3339-01 FUJI-2SK3339-01 Datasheet
75Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3340-01 FUJI-2SK3340-01 Datasheet
85Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK902 FUJI-2SK902 Datasheet
131Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK1016-01 FUJI-2SK1016-01 Datasheet
177Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
List of Unclassifed Man...
2SK1099 ETC-2SK1099 Datasheet
60Kb / 1P
   N-CHANNEL SILICON POWER MOS-FET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com