전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5628 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD5628
상세설명  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5628 데이터시트(HTML) 5 Page - Analog Devices

  AD5628 Datasheet HTML 1Page - Analog Devices AD5628 Datasheet HTML 2Page - Analog Devices AD5628 Datasheet HTML 3Page - Analog Devices AD5628 Datasheet HTML 4Page - Analog Devices AD5628 Datasheet HTML 5Page - Analog Devices AD5628 Datasheet HTML 6Page - Analog Devices AD5628 Datasheet HTML 7Page - Analog Devices AD5628 Datasheet HTML 8Page - Analog Devices AD5628 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Preliminary Technical Data
AD5628/AD5648/AD5668
Rev. PrA| Page 5 of 24
AC CHARACTERISTICS1 (V
DD
= +4.5 V to +5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; External REFIN = VDD; all
specifications TMIN to TMAX unless otherwise noted)
NOTES
1
Guaranteed by design and characterization; not production tested.
2
See the Terminology section.
3
Temperature range (Y Version): –40
°C to +125°C; typical at +25°C.
Specifications subject to change without notice.
Parameter2
Min
Typ
Max
Unit
B Version 1
Conditions/Comments
Output Voltage Settling Time
AD5628
6
8
µs
¼ to ¾ scale settling to ±2LSB
AD5648
7
9
µs
¼ to ¾ scale settling to ±2LSB
AD5668
8
10
µs
¼ to ¾ scale settling to ±2LSB
Settling Time for 1LSB Step
Slew Rate
1.5
V/µs
Digital-to-Analog Glitch Impulse
5
nV-s
1 LSB Change Around Major Carry. See Figure 21.
Channel –to-Channel Isolation
100
dB
Digital Feedthrough
0.1
nV-s
Digital Crosstalk
0.5
nV-s
Analog Crosstalk
1
nV-s
DAC-to-DAC Crosstalk
3
nV-s
Multiplying Bandwidth
200
kHz
VREF = 2V ± 0.1 V p-p.
Total Harmonic Distortion
-80
dB
VREF = 2V ± 0.1 V p-p. Frequency = 10kHz
Output Noise Spectral Density
120
nV/√Hz
DAC code=8400H, 1kHz
100
nV/√Hz
DAC code=8400H, 10kHz
Output Noise
15
µVp-p
0.1Hz to 10Hz;


유사한 부품 번호 - AD5628

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5628ACPZ-1-RL7 AD-AD5628ACPZ-1-RL7 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628ACPZ-2-RL7 AD-AD5628ACPZ-2-RL7 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628ARUZ-2 AD-AD5628ARUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628ARUZ-2REEL7 AD-AD5628ARUZ-2REEL7 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628BCBZ-1-RL7 AD-AD5628BCBZ-1-RL7 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
More results

유사한 설명 - AD5628

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5678 AD-AD5678 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
   On-Chip Reference in 14-Lead TSSOP
REV. C
AD5666 AD-AD5666 Datasheet
823Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. A
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
logo
Linear Technology
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2666 LINER-LTC2666 Datasheet
1Mb / 28P
   Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
logo
Analog Devices
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com