전자부품 데이터시트 검색엔진 |
|
74LV574N 데이터시트(PDF) 5 Page - NXP Semiconductors |
|
74LV574N 데이터시트(HTML) 5 Page - NXP Semiconductors |
5 / 12 page Philips Semiconductors Product specification 74LV574 Octal D-type flip-flop; positive edge-trigger (3-State) 1998 Jun 10 5 DC CHARACTERISTICS FOR THE LV FAMILY Over recommended operating conditions voltages are referenced to GND (ground = 0V) LIMITS SYMBOL PARAMETER TEST CONDITIONS -40 °C to +85°C -40 °C to +125°C UNIT MIN TYP1 MAX MIN MAX VCC = 1.2V 0.9 0.9 VIH HIGH level Input VCC = 2.0V 1.4 1.4 V VIH voltage VCC = 2.7 to 3.6V 2.0 2.0 V VCC = 4.5 to 5.5V 0.7*VCC 0.7*VCC VCC = 1.2V 0.3 0.3 VIL LOW level Input VCC = 2.0V 0.6 0.6 V VIL voltage VCC = 2.7 to 3.6V 0.8 0.8 V VCC = 4.5 to 5.5 0.3*VCC 0.3*VCC VCC = 1.2V; VI = VIH or VIL; –IO = 100µA 1.2 HIGH level output VCC = 2.0V; VI = VIH or VIL; –IO = 100µA 1.8 2.0 1.8 HIGH level output voltage; all outputs VCC = 2.7V; VI = VIH or VIL; –IO = 100µA 2.5 2.7 2.5 VOH voltage all out uts VCC = 3.0V; VI = VIH or VIL; –IO = 100µA 2.8 3.0 2.8 V VOH VCC = 4.5V;VI = VIH or VIL; –IO = 100µA 4.3 4.5 4.3 V HIGH level output voltage; BUS driver VCC = 3.0V;VI = VIH or VIL; –IO = 8mA 2.40 2.82 2.20 voltage; BUS driver outputs VCC = 4.5V;VI = VIH or VIL; –IO = 16mA 3.60 4.20 3.50 VCC = 1.2V; VI = VIH or VIL; IO = 100µA 0 LOW level output VCC = 2.0V; VI = VIH or VIL; IO = 100µA 0 0.2 0.2 LOW level output voltage; all outputs VCC = 2.7V; VI = VIH or VIL; IO = 100µA 0 0.2 0.2 VOL voltage all out uts VCC = 3.0V;VI = VIH or VIL; IO = 100µA 0 0.2 0.2 V VOL VCC = 4.5V;VI = VIH or VIL; IO = 100µA 0 0.2 0.2 V LOW level output voltage; BUS driver VCC = 3.0V;VI = VIH or VIL; IO = 8mA 0.20 0.40 0.50 voltage; BUS driver outputs VCC = 4.5V;VI = VIH or VIL; IO = 16mA 0.35 0.55 0.65 II Input leakage current VCC = 5.5V; VI = VCC or GND 1.0 1.0 µA IOZ 3-State output OFF-state current VCC = 5.5V; VI = VIH or VIL; VO = VCC or GND 5 10 µA ICC Quiescent supply current; MSI VCC = 5.5V; VI = VCC or GND; IO = 0 20.0 160 µA ∆ICC Additional quiescent supply current per input VCC = 2.7V to 3.6V; VI = VCC –0.6V 500 850 µA NOTE: 1. All typical values are measured at Tamb = 25°C. |
유사한 부품 번호 - 74LV574N |
|
유사한 설명 - 74LV574N |