전자부품 데이터시트 검색엔진 |
|
74LV4799PWDH 데이터시트(PDF) 11 Page - NXP Semiconductors |
|
74LV4799PWDH 데이터시트(HTML) 11 Page - NXP Semiconductors |
11 / 18 page Philips Semiconductors Product specification 74LV4799 Timer for NiCd and NiMH chargers 1998 Apr 20 11 Error free operation, even under extreme conditions. Several measures are taken in the circuit design to ensure error–free operation, even with very low supply voltages. Moreover, the circuit has been made very insensitive to the effects of external fields. The measures taken during the design are: • Use of synchronous logic • Bistable POR instead of monostable POR • Data retention assured below a supply voltage of 0.9 V. • Debounce circuitry on DIS input (maximum expected debounce time = 10 ms) • Schmitt trigger on PWRS (power sense) input and on DIS input • Special oscillator security to prevent any malfunction. Synchronous logic and bistable POR. Use of synchronous logic results in much lower sensitivity to spikes on input pins. The POR is adapted to fit well into a synchronous environment. An increasing supply voltage sets the POR. The POR output signal is routed to the control logic and divider/counter. it is synchronized with the on–chip clock. After all flip–flops are reset, a reset acknowledge signal is generated which resets the POR. This method ensures that the POR signal is acknowledged in all cases, even at very low voltages. Data retention. The circuit may be used in an application where an electric motor is present. When the motor is switched on, it will disturb the supply voltage for a short period. The POR level is set at such a level that, even with very low supply voltages, the POR will not respond during motor switch on. The flip–flops will retain their data during the supply voltage disturbance because of the inherent data retention of any CMOS gate. However, when the battery is almost completely discharged and the motor switch is activated, the dip on the supply voltage line can be too large. The retention of the POR is therefore made deliberately worse than that of the internal flip–fops. The POR will therefore respond long before the flip–flops will loose their data. This results in a proper start condition for a new charge cycle. Debounce circuitry on DIS input. A discharge cycle is activated by a switch. To protect the circuit from any bounce of the switch contacts, de–bounce circuitry is provided at the DIS input. The circuitry allows a switch de–bounce time of max. 10 ms. Schmitt trigger on PWRS (power sense) input. The PWRS input can be corrupted by high transients due to disturbances on the mains supply. To suppress any false triggering, the PWRS input is provided with a Schmitt–trigger. However, for some applications, it is advisable to connect a low–value capacitor (150 pF min.) between the PWRS input and GND. Special oscillator security to prevent any malfunction. The excellent performance of the oscillator is achieved by using linear op–amp techniques. The oscillator consists of an internal reference, two comparators and a latch. Care was taken to design a very reliable oscillator even with a supply voltage below 0.9 V. If one of the comparators ceases to operate with a supply voltage below 0.9 V, the latch will not be corrupted. Priority was given to stop the oscillator rather than allow uncontrolled oscillation. All these measures result in reliable 1-cell to 4-cell battery charge management. Remaining energy indication: The scan test facility can be used as a remaining energy indication because the value of the counter can be read–out at the scan output (MOLLI/SCO). This is achieved by briefly interrupting the normal mode of operation, putting the circuit in the scan mode (pin 14 = HIGH), and reading–out of the counter value. The circuit is then returned to the normal mode (pin 14 = LOW or open). Read–out procedure: The contents of the counter flip–flops can be read–out in the scan mode. To ensure that there is no disturbance of the circuit function, it is essential to either create a round coupled loop by linking the MOLLI/SCO output (pin 6) directly to the SCI input pin 15), or to shift–in the serial data of the scan line at the SCI input after completion of the read out cycle. 49 clock pulses are needed on the Iosc input (pin 13) to shift–out the contents of the whole scan line. The most–significant bit of the counter will appear at the MOLLI/SCO output after the last clock pulse. The least–significant bit after the penultimate clock pulse, etc. Selecting the last three or four bits will yield sufficiently high accuracy to obtain the counter value which represents the remaining energy of the battery. SV01647 R C SCI SCAN SEL PWRS LED V in EN n.c. EN V CC MOLLI DIS 1 5 7 14 15 9 6 16 2 43 10 11 12 13 8 R D R S IOSC R Z LOAD battery buzzer 74LV4799 220 V 110 V AC mains BC557 BYD13D BZD23 BYD13D BZD23 BYD13D BYD13D BC547 BC327/ BC636 BC557 Figure 2. Typical application of the low-voltage 74LV4799. |
유사한 부품 번호 - 74LV4799PWDH |
|
유사한 설명 - 74LV4799PWDH |