전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-C415-T0000 데이터시트(PDF) 4 Page - Agilent(Hewlett-Packard)

부품명 HLMP-C415-T0000
상세설명  T - 13/4 Super Ultra-Bright LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-C415-T0000 데이터시트(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-C415-T0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-C415-T0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-C415-T0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-C415-T0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-C415-T0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-C415-T0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-C415-T0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-C415-T0000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-C415-T0000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Absolute Maximum Ratings at TA = 25°C
High
High
DH AS
Efficiency
Performance
AlGaAs
Red and
Green and
Parameter
Red
Orange
Yellow
Emerald Green
Units
DC Forward Current[1]
30
30
20
30
mA
Transient Forward Current[2]
500
500
500
500
mA
(10
µsec Pulse)
Reverse Voltage (Ir = 100
µA)
5
555
V
LED Junction Temperature
110
110
110
110
°C
Operating Temperature Range
–20 to +100
–55 to +100
–20 to +100
°C
Storage Temperature Range
–55 to +100
°C
Wave Soldering Temperature
250
°C for 3 seconds
[1.59 mm (0.063 in.) from body]
Lead Solder Dipping Temperature
260
°C for 5 seconds
[1.59 mm (0.063 in.) from body]
Notes:
1. See Figure 5 for maximum current derating vs. ambient temperature.
2. The transient current is the maximum nonrecurring peak current the device can withstand without damaging the LED die and wire bond.
Package Dimensions
HLMP-Cx15 and HLMP-Cx23
HLMP-Cx17
1.14
± 0.20
(0.045
± 0.008)
5.80
± 0.20
(0.228
± 0.008)
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71
± 0.20
(0.343
± 0.008)
2.54
± 0.38
(0.100
± 0.015)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. LEADS ARE MILD STEEL, SOLDER DIPPED.
3. AN EPOXY MENISCUS MAY EXTEND ABOUT
0.5 mm (0.020 in.) DOWN THE LEADS.
CATHODE
LEAD
1.85 (0.073)
MAX.
CATHODE
FLAT
(NOTE 1)
1.14
± 0.20
(0.045
± 0.008)
5.80
± 0.20
(0.228
± 0.008)
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71
± 0.20
(0.343
± 0.008)
2.54
± 0.38
(0.100
± 0.015)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
CATHODE
LEAD
CATHODE
FLAT
1.50
± 0.15
(0.059
± 0.006)
12.60
± 0.18
(0.496
± 0.007)


유사한 부품 번호 - HLMP-C415-T0000

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-C415 HP-HLMP-C415 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C415 HP-HLMP-C415 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C415 AVAGO-HLMP-C415 Datasheet
271Kb / 10P
   Very high intensity
logo
Broadcom Corporation.
HLMP-C415 BOARDCOM-HLMP-C415 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
More results

유사한 설명 - HLMP-C415-T0000

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-8115 HP-HLMP-8115 Datasheet
121Kb / 8P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-2H3VSKNT LITEON-LTL-2H3VSKNT Datasheet
245Kb / 8P
   T-13/4 (5mm) Ultra Bright
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com