전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G66GV 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74LVC1G66GV
상세설명  Bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G66GV 데이터시트(HTML) 4 Page - NXP Semiconductors

  74LVC1G66GV Datasheet HTML 1Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 2Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 3Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2004 Apr 13
4
Philips Semiconductors
Product specification
Bilateral switch
74LVC1G66
handbook, halfpage
MNA076
4 #
1
2
X1
1
1
Fig.3 IEC logic symbol.
handbook, halfpage
MNA658
VCC
E
Y
Z
Fig.4 Logic diagram.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
active mode
0
VCC
V
VCC = 0 V; Power-down mode
0
5.5
V
Tamb
operating ambient temperature
−40
+125
°C
tr,tf
input rise and fall times
VCC = 1.65 to 2.7 V
0
20
ns/V
VCC = 2.7 to 5.5 V
0
10
ns/V


유사한 부품 번호 - 74LVC1G66GV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G66GV NXP-74LVC1G66GV Datasheet
126Kb / 22P
   Bilateral switch
Rev. 06-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G66GV NEXPERIA-74LVC1G66GV Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
74LVC1G66GV-Q100 NEXPERIA-74LVC1G66GV-Q100 Datasheet
897Kb / 21P
   Bilateral switch
More results

유사한 설명 - 74LVC1G66GV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com