전자부품 데이터시트 검색엔진 |
|
74LVC322245AEC 데이터시트(PDF) 10 Page - NXP Semiconductors |
|
74LVC322245AEC 데이터시트(HTML) 10 Page - NXP Semiconductors |
10 / 16 page 1999 Sep 01 10 Philips Semiconductors Product specification 32-bit bus transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant; 3-state 74LVC322245A; 74LVCH322245A PACKAGE OUTLINE ball A1 index area 0.8 A1 b A2 UNIT D y e REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE 98-11-25 99-06-03 IEC JEDEC EIAJ mm 1.5 0.41 0.31 1.2 0.9 5.6 5.4 ZD 0.93 0.58 ZE 0.93 0.58 13.6 13.4 0.51 0.41 0.1 DIMENSIONS (mm are the original dimensions) SOT536-1 E 0.2 v 0.15 w 0 5 10 mm scale SOT536-1 LFBGA96: plastic low profile fine-pitch ball grid array package; 96 balls; body 13.5 x 5.5 x 1.05 mm A max. A A2 A1 detail X y vA e e ∅ w b X D E A M A B C D E F H G J K L M P N R T 246 135 ZE ZD |
유사한 부품 번호 - 74LVC322245AEC |
|
유사한 설명 - 74LVC322245AEC |