전자부품 데이터시트 검색엔진 |
|
74LVC823ADB 데이터시트(PDF) 8 Page - NXP Semiconductors |
|
74LVC823ADB 데이터시트(HTML) 8 Page - NXP Semiconductors |
8 / 12 page Philips Semiconductors Product specification 74LVC823A 9-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger (3-State) 1998 Sep 24 8 AC WAVEFORMS VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V. VOL and VOH are the typical output voltage drop that occur with the output load. VX = VOL + 0.3V at VCC w 2.7V; VX = VOL + 0.1 VCC at VCC t 2.7V VY = VOH –0.3V at VCC w 2.7V; VY = VOH – 0.1 VCC at VCC t 2.7V GND VOL VI VOH VM CP INPUT QnOUTPUT VM tPLH tPHL 1/fmax tW SA00423 Figure 1. Clock (CP) to output (Qn) propagation delays, the clock pulse width and the maximum clock pulse frequency. outputs disabled outputs enabled outputs enabled tPHZ tPZH tPZL tPLZ VX VY VM VM VM OE INPUT VCC VI VOL VOH GND GND OUTPUT LOW–to–OFF OFF–to–LOW OUTPUT HIGH–to–OFF OFF–to–HIGH SA00424 Figure 2. 3-State enable and disable times. VM Dn, INPUT Qn OUTPUT VM th tsu th tsu VM CP INPUT GND GND VOL VI VI VOH SA00425 NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance. CE Figure 3. Data setup and hold times for the Dn input and CE input to the CP input. SA00519 tPHL trem Qn OUTPUT MR INPUT CP INPUT tw Figure 4. Master reset pulse width, master reset to clock removal time, master reset to output propagation delay. TEST CIRCUIT PULSE GENERATOR VI RT D.U.T. VO CL 50pF S1 2 x VCC Open GND 500 Ω 500 Ω VCC VI t 2.7V VCC 2.7V – 3.6V 2.7V Test S1 GND tPLZ/tPZL 2 x VCC tPHZ/tPZH tPLH/tPHL Open SY00003 VCC Figure 5. Load circuitry for switching times. |
유사한 부품 번호 - 74LVC823ADB |
|
유사한 설명 - 74LVC823ADB |