전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS3903 데이터시트(PDF) 11 Page - Maxim Integrated Products

부품명 DS3903
상세설명  Triple 128-Position Nonvolatile Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3903 데이터시트(HTML) 11 Page - Maxim Integrated Products

Back Button DS3903 Datasheet HTML 3Page - Maxim Integrated Products DS3903 Datasheet HTML 4Page - Maxim Integrated Products DS3903 Datasheet HTML 5Page - Maxim Integrated Products DS3903 Datasheet HTML 6Page - Maxim Integrated Products DS3903 Datasheet HTML 7Page - Maxim Integrated Products DS3903 Datasheet HTML 8Page - Maxim Integrated Products DS3903 Datasheet HTML 9Page - Maxim Integrated Products DS3903 Datasheet HTML 10Page - Maxim Integrated Products DS3903 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Triple 128-Position Nonvolatile
Digital Potentiometer
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 11
© 2002 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
the appropriate device address bit, and the read/write
bit, the slave device outputs an acknowledge signal on
the SDA line.
Applications Information
Power-Supply Decoupling
To achieve the best results when using the DS3903,
decouple the power supply with a 0.01µF or 0.1µF
capacitor. Use a high-quality ceramic surface-mount
capacitor if possible. Surface-mount components mini-
mize lead inductance, which improves performance,
and ceramic capacitors tend to have adequate high-
frequency response for decoupling applications.
Write Protection
The write-protect pin has an internal pullup resistor. To
be able to adjust the potentiometers’ position, this pin
must be grounded. This pin can be left floating or con-
nected to VCC to write protect the potentiometer posi-
tions.
Wiper Resistance and Wiper Current Limit
Two substantial differences between digital poten-
tiometers and mechanical potentiometers are the wiper
resistance and the wiper current limit. The wiper resis-
tance (RW) is a result of the interconnecting materials
on the IC between the internal resistive elements and
the wiper pin. This can be modelled by using an ideal
potentiometer, with a resistance of RW connected
between the ideal wiper and wiper terminal of the digi-
tal potentiometer. One final note about the wiper resis-
tance is that it has a high temperature coefficient
(approximately +3000PPM), which can be noticeable in
certain circuit configurations.
The wiper current limit (IW) is also due to the intercon-
necting materials between the internal resistive ele-
ments and the wiper terminal. While it may be possible
to exceed this value for a short period without prob-
lems, exceeding the wiper current limit is a long-term
reliability problem.
Both characteristics can be minimized in designs by
connecting the wiper terminal to high-impedance
loads. This reduces both the current through the wiper
and the voltage drop across the wiper resistance.
Using a Potentiometer as a
Variable Resistor
There are two ways to make a digital potentiometer into
a variable resistor. The first is to short the wiper terminal
to the high- or low-side terminal. This places wiper
resistance in parallel with the resistance from the wiper
to the high or low side of the potentiometer. The advan-
tage of this method is that it reduces the current
through the wiper, which is advantageous if the current
is approaching the wiper current limit. The disadvan-
tage is that the wiper resistance makes the resistance
versus position nonlinear, particularly for low-resistance
values.
The second way is to attach the wiper terminal, and
either the low- or high-side terminal. The unattached
terminal is connected to the wiper by the resistance
internal to the part, and stays at the same voltage as
the wiper. This method provides a linear resistance ver-
sus position function, but it limits the current through
the resistance to IW since there is no current load shar-
ing between the wiper resistance and the paralleled
resistive elements.
Both configurations are heavily influenced by the wiper
resistance, particularly over temperature, where its tem-
perature coefficient noticeably affects the resistor’s value.
Chip Information
TRANSISTOR COUNT: 10,793
SUBSTRATE CONNECTED TO GROUND
Package Information
For the latest package outline information, go to www.maxim-ic.
com/packages.


유사한 부품 번호 - DS3903

제조업체부품명데이터시트상세설명
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
logo
Dallas Semiconductor
DS3900EVKIT DALLAS-DS3900EVKIT Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900EVKIT MAXIM-DS3900EVKIT Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
More results

유사한 설명 - DS3903

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
logo
Dallas Semiconductor
DS3904 DALLAS-DS3904 Datasheet
254Kb / 11P
   Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
logo
Analog Devices
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD7376ARWZ10 AD-AD7376ARWZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com