전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS3903 데이터시트(PDF) 4 Page - Maxim Integrated Products

부품명 DS3903
상세설명  Triple 128-Position Nonvolatile Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3903 데이터시트(HTML) 4 Page - Maxim Integrated Products

  DS3903 Datasheet HTML 1Page - Maxim Integrated Products DS3903 Datasheet HTML 2Page - Maxim Integrated Products DS3903 Datasheet HTML 3Page - Maxim Integrated Products DS3903 Datasheet HTML 4Page - Maxim Integrated Products DS3903 Datasheet HTML 5Page - Maxim Integrated Products DS3903 Datasheet HTML 6Page - Maxim Integrated Products DS3903 Datasheet HTML 7Page - Maxim Integrated Products DS3903 Datasheet HTML 8Page - Maxim Integrated Products DS3903 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Triple 128-Position Nonvolatile
Digital Potentiometer
4
______________________________________________________________________
Note 1:
All voltages are referenced to ground.
Note 2:
ISTBY specified for VCC equal to 3.0V and 5.0V while control port logic pins are driven to the appropriate
logic levels. Appropriate logic levels specify that logic inputs are within a 0.5V of ground or VCC for the
corresponding inactive state. WP must be disconnected or connected high.
Note 3:
I/O pins of fast mode devices must not obstruct the SDA and SCL lines if VCC is switched off.
Note 4:
A fast mode device can be used in a standard mode system, but the requirement tSU:DAT > 250ns must
then be met. This is automatically the case if the device does not stretch the low period of the SCL signal.
If such a device does stretch the low period of the SCL signal, it must output the next data bit to the SDA
line tRMAX + tSU:DAT = 1000ns + 250ns = 1250ns before the SCL line is released.
Note 5:
After this period, the first clock pulse is generated.
Note 6:
The maximum tHD:DAT has only to be met if the device does not stretch the low period (tLOW) of the
SCL signal.
Note 7:
A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIN MIN of
the SCL signal) in order to bridge the undefined region of the falling edge of SCL.
Note 8:
CB—total capacitance of one bus line in picofarads, timing referenced to 0.9 x VCC and 0.1 x VCC.
Note 9:
EEPROM write begins after a stop condition occurs.
Note 10:
Absolute linearity is used to measure expected wiper voltage as determined by wiper position in a
voltage-divider configuration.
Note 11:
Relative linearity is used to determine the change of wiper voltage between two adjacent wiper positions
in a voltage-divider configuration.
Typical Operating Characteristics
(VCC = 5.0V, 10k
Ω plots apply to both pot0 and pot2, TA = +25°C unless otherwise noted.)
10
20
30
40
50
60
70
80
90
100
0
W-L RESISTANCE
vs. WIPER SETTING (90k
)
WIPER SETTING
125
100
75
50
25
0
W-L RESISTANCE
vs. WIPER SETTING (10k
)
WIPER SETTING
125
100
75
50
25
0
2
4
6
8
10
0
STANDBY SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
50
40
-30 -20 -10
10 20
030
20
40
60
80
100
120
140
160
0
-40
60 70 80
VCC = 5V
VCC = 3V


유사한 부품 번호 - DS3903

제조업체부품명데이터시트상세설명
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
logo
Dallas Semiconductor
DS3900EVKIT DALLAS-DS3900EVKIT Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900EVKIT MAXIM-DS3900EVKIT Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
More results

유사한 설명 - DS3903

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
logo
Dallas Semiconductor
DS3904 DALLAS-DS3904 Datasheet
254Kb / 11P
   Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
logo
Analog Devices
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD7376ARWZ10 AD-AD7376ARWZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com