전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS3903 데이터시트(PDF) 5 Page - Maxim Integrated Products

부품명 DS3903
상세설명  Triple 128-Position Nonvolatile Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3903 데이터시트(HTML) 5 Page - Maxim Integrated Products

  DS3903 Datasheet HTML 1Page - Maxim Integrated Products DS3903 Datasheet HTML 2Page - Maxim Integrated Products DS3903 Datasheet HTML 3Page - Maxim Integrated Products DS3903 Datasheet HTML 4Page - Maxim Integrated Products DS3903 Datasheet HTML 5Page - Maxim Integrated Products DS3903 Datasheet HTML 6Page - Maxim Integrated Products DS3903 Datasheet HTML 7Page - Maxim Integrated Products DS3903 Datasheet HTML 8Page - Maxim Integrated Products DS3903 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Triple 128-Position Nonvolatile
Digital Potentiometer
_____________________________________________________________________
5
END-TO-END RESISTANCE PERCENT CHANGE
FROM 25
°C vs. TEMPERATURE (90k
)
TEMPERATURE (
°C)
80
70
50 60
-10 0 10 203040
-30 -20
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-0.8
-1.0
-40
END-TO-END RESISTANCE PERCENT CHANGE
FROM 25
°C vs. TEMPERATURE (10k
)
TEMPERATURE (
°C)
80
70
50 60
-10 0 10 203040
-30 -20
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-0.8
-1.0
-40
VOLTAGE-DIVIDER PERCENT CHANGE
FROM 25
°C vs. TEMPERATURE (10k
)
TEMPERATURE (
°C)
80
70
50 60
-10 0 10 203040
-30 -20
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-0.05
-0.06
-40
WIPER = 60h
WIPER = 20h
Tc = 1.9ppm/
°C
Tc = 0.7ppm/
°C
WIPER = 40h
Tc = 5.0ppm/
°C
VOLTAGE-DIVIDER PERCENT CHANGE
FROM 25
°C vs. TEMPERATURE (10k
)
TEMPERATURE (
°C)
80
70
50 60
-10 0 10203040
-30 -20
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.10
0.12
-0.06
-40
WIPER = 60h
WIPER = 20h
Tc = 18.0ppm/
°C
Tc = 3.7ppm/
°C
WIPER = 40h
Tc = 1.5ppm/
°C
WIPER RESISTANCE
vs. WIPER VOLTAGE (90k
)
WIPER VOLTAGE (V)
345
2
1
50
100
150
200
250
300
350
0
0
VCC = 3V
POS 7Fh
WIPER RESISTANCE
vs. WIPER VOLTAGE (10k
)
WIPER VOLTAGE (V)
345
2
1
50
100
150
200
250
300
350
0
0
VCC = 3V
POS 7Fh
Typical Operating Characteristics (continued)
(VCC = 5.0V, 10k
Ω plots apply to both pot0 and pot2, TA = +25°C unless otherwise noted.)
VOLTAGE-DIVIDER ABSOLUTE LINEARITY
vs. WIPER SETTING (10k
)
WIPER SETTING
100
80
60
40
20
0.04
0.08
0.12
0.16
0.20
0
0
120
VOLTAGE-DIVIDER RELATIVE LINEARITY
vs. WIPER SETTING (10k
)
WIPER SETTING
100
80
60
40
20
0.01
0.02
0.03
0.04
0.05
0
0
120


유사한 부품 번호 - DS3903

제조업체부품명데이터시트상세설명
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
logo
Dallas Semiconductor
DS3900EVKIT DALLAS-DS3900EVKIT Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900EVKIT MAXIM-DS3900EVKIT Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
More results

유사한 설명 - DS3903

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
logo
Dallas Semiconductor
DS3904 DALLAS-DS3904 Datasheet
254Kb / 11P
   Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
logo
Analog Devices
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD7376ARWZ10 AD-AD7376ARWZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com