전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT125PW 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 74LVT125PW
상세설명  3.3V Quad buffer 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT125PW 데이터시트(HTML) 1 Page - NXP Semiconductors

  74LVT125PW Datasheet HTML 1Page - NXP Semiconductors 74LVT125PW Datasheet HTML 2Page - NXP Semiconductors 74LVT125PW Datasheet HTML 3Page - NXP Semiconductors 74LVT125PW Datasheet HTML 4Page - NXP Semiconductors 74LVT125PW Datasheet HTML 5Page - NXP Semiconductors 74LVT125PW Datasheet HTML 6Page - NXP Semiconductors 74LVT125PW Datasheet HTML 7Page - NXP Semiconductors 74LVT125PW Datasheet HTML 8Page - NXP Semiconductors 74LVT125PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
General description
The LVT125 is a high-performance BiCMOS product designed for VCC operation at 3.3 V.
This device combines low static and dynamic power dissipation with high speed and high
output drive. The 74LVT125 device is a quad buffer that is ideal for driving bus lines. The
device features four output enable inputs (1OE, 2OE, 3OE and 4OE), each controlling one
of the 3-state outputs.
2.
Features
s Quad bus interface
s 3-state buffers
s Output capability: +64 mA and
−32 mA
s TTL input and output switching levels
s Input and output interface capability to systems at 5 V supply
s Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused
inputs
s Live insertion and extraction permitted
s No bus current loading when output is tied to 5 V bus
s Power-up 3-state
s Latch-up protection:
x JESD78: exceeds 500 mA
s ESD protection:
x MIL STD 883 method 3015: exceeds 2000 V
x Machine model: exceeds 200 V
3.
Quick reference data
74LVT125
3.3 V quad buffer; 3-state
Rev. 05 — 10 February 2005
Product data sheet
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
tPLH
propagation delay nA to nY CL = 50 pF; VCC = 3.3 V
-
2.7
-
ns
tPHL
propagation delay nA to nY CL = 50 pF; VCC = 3.3 V
-
2.9
-
ns
CI
input capacitance
VI = 0 V or 3.0 V
-
4
-
pF
CO
output capacitance
outputs disabled;
VO = 0 V or 3.0 V
-8
-pF
ICC
quiescent supply current
outputs disabled;
VCC = 3.6 V
-
0.13
-
mA


유사한 부품 번호 - 74LVT125PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT125PW PHILIPS-74LVT125PW Datasheet
93Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 05-10 February 2005
74LVT125PW NXP-74LVT125PW Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
logo
Nexperia B.V. All right...
74LVT125PW NEXPERIA-74LVT125PW Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
More results

유사한 설명 - 74LVT125PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT126 PHILIPS-74LVT126 Datasheet
86Kb / 10P
   3.3V Quad buffer 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com