전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX74038-12 데이터시트(PDF) 5 Page - Skyworks Solutions Inc.

부품명 CX74038-12
상세설명  2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74038-12 데이터시트(HTML) 5 Page - Skyworks Solutions Inc.

  CX74038-12 Datasheet HTML 1Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 2Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 3Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 4Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 5Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DATA SHEET • CX74038
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
101075I • Skyworks Proprietary and Confidential information • Products and product information are subject to change without notice • January 31, 2005
5
Case 1: To achieve a desired FVCO_RF frequency of 2440.2 MHz using a crystal frequency of 24 MHz with operation
of the synthesizer in RF mode using the 16/17 prescaler (PS = 1). R1 is set to divide by 3 to achieve a
comparison frequency of 8 MHz, since the maximum internal reference frequency is 9 MHz. Divide the operating
frequency by the internal reference frequency to determine the value of NTotal:
NTotal
= 2440.2 MHz
8 MHz
=
305.025
Subtract 3.5 from NTotal and remove the fractional portion of the result to determine N1:
305.025 – 3.5 = 301.525
N1 = 301 (decimal)
Fractional portion = 0.525 (decimal)
N1 = 000100101101 (binary)
D21 -----------D10 Register Address 112
Multiply the fractional portion of N1 by 256 and remove the fractional portion of the result to determine FN:
0.525 × 256 = 134.4
FN = 134 (decimal)
FN = 10000110 (binary)
D9 -------D2 Register Address 112
Divide FN by 256 to determine the actual fractional portion:
134 = 0.5234375
256
Subtract this result from the fractional portion of N1:
0.525 – 0.5234375 = 0.0015625
Multiply this result by 2097152 (the 21-bit
∆Σ modulator value 221) and remove the fractional portion to determine
the ME:
0.0015625 × 2097152 = 3276.8
ME = 3276 (decimal)
ME = 0110011001100 (binary)
D21 --------------D9 Register Address 012
In this example, N1 is greater than 256, the minimum divide ratio for the 16/17 prescaler.
C1454
Figure 5. Fractional-N Applications: Sample Calculation (1 of 2)


유사한 부품 번호 - CX74038-12

제조업체부품명데이터시트상세설명
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
CX74037 CONEXANT-CX74037 Datasheet
106Kb / 11P
   Transmit RF IC for TDMA or AMPS Applications
More results

유사한 설명 - CX74038-12

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SKY74038 SKYWORKS-SKY74038 Datasheet
128Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
   2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com