전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT162373DGG 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74LVT162373DGG
상세설명  3.3 V LVT 16-bit transparent D-type latch with 30 ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162373DGG 데이터시트(HTML) 2 Page - NXP Semiconductors

  74LVT162373DGG Datasheet HTML 1Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 2Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 3Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 4Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 5Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 6Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 7Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 8Page - NXP Semiconductors 74LVT162373DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LVT162373
3.3 V LVT 16-bit transparent D-type latch
with 30
Ω termination resistors (3-State)
2
1999 Sep 23
853-2172 22406
FEATURES
16-bit transparent latch
3-State buffers
Output capability: +12 mA / –12 mA
TTL input and output switching levels
Input and output interface capability to systems at 5 V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
Outputs include series resistance of 30 Ω making external
resistors unnecessary
Power-up reset
Power-up 3-State
No bus current loading when output is tied to 5 V bus
Latch-up protection exceeds 500 mA per JEDEC Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
DESCRIPTION
The 74LVT162373 is a high-performance BiCMOS product designed
for VCC operation at 3.3 V.
This device is a 16-bit transparent D-type latch with non-inverting
3-State bus compatible outputs. The device can be used as two
8-bit latches or one 16-bit latch. When Latch Enable (LE) input is
High, the Q outputs follow the data (D) inputs. When Latch Enable is
taken Low, the Q outputs are latched at the levels of the D inputs
one setup time prior to the High-to-Low transition.
The 74LVT162373 is designed with 30
Ω series resistance in both
the High and Low states of the output. This design reduces the
noise in applications such as memory address drivers, clock drivers,
and bus receivers/transmitters.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25 °C
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nDx to nQx
CL = 50 pF;
VCC = 3.3 V
3.0
ns
CIN
Input capacitance
VI = 0 V or 3.0 V
3
pF
COUT
Output capacitance
Outputs disabled; VO = 0 V or 3.0 V
9
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6 V
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDERING CODE
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85 °C
74LVT162373 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85 °C
74LVT162373 DGG
SOT362-1


유사한 부품 번호 - 74LVT162373DGG

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVT162373DGG NEXPERIA-74LVT162373DGG Datasheet
216Kb / 13P
   3.3 V 16-bit transparent D-type latch with 30 Ω termination resistors; 3-state
Rev. 2 - 1 October 2018
More results

유사한 설명 - 74LVT162373DGG

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVT162373 NEXPERIA-74LVT162373 Datasheet
216Kb / 13P
   3.3 V 16-bit transparent D-type latch with 30 Ω termination resistors; 3-state
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
logo
NXP Semiconductors
74LVC162373A PHILIPS-74LVC162373A Datasheet
88Kb / 17P
   16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2004 Feb 05
74LVT162374 PHILIPS-74LVT162374 Datasheet
120Kb / 12P
   3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Rev. 03-17 January 2005
74ALVCH16373 PHILIPS-74ALVCH16373_15 Datasheet
128Kb / 18P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
logo
Nexperia B.V. All right...
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
logo
NXP Semiconductors
74LVT162374 PHILIPS-74LVT162374 Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
logo
Texas Instruments
SN74LVTH162373-EP TI1-SN74LVTH162373-EP Datasheet
285Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
   3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com