전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT16240A 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74LVT16240A
상세설명  3.3V LVT 16-bit inverting buffer/driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16240A 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT16240A Datasheet HTML 2Page - NXP Semiconductors 74LVT16240A Datasheet HTML 3Page - NXP Semiconductors 74LVT16240A Datasheet HTML 4Page - NXP Semiconductors 74LVT16240A Datasheet HTML 5Page - NXP Semiconductors 74LVT16240A Datasheet HTML 6Page - NXP Semiconductors 74LVT16240A Datasheet HTML 7Page - NXP Semiconductors 74LVT16240A Datasheet HTML 8Page - NXP Semiconductors 74LVT16240A Datasheet HTML 9Page - NXP Semiconductors 74LVT16240A Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74LVT16240A
3.3V 16-bit inverting buffer/driver (3-State)
1998 Feb 19
6
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
SW00001
nAx INPUT
1.5V
nYx OUTPUT
tPHL
tPLH
1.5V
1.5V
1.5V
2.7V
0
VOH
VOL
Waveform 1. Input (nAx) to Output (nYx) Propagation Delays
nOE INPUT
1.5V
1.5V
tPZH
tPHZ
nYx OUTPUT
VOH
1.5V
1.5V
nYx OUTPUT
VOL
tPZL
tPLZ
3.0V
0V
VOL + 0.3V
VOH – 0.3V
2.7V
0V
SW00002
Waveform 2. 3-State Output Enable and Disable Times
TEST CIRCUIT AND WAVEFORMS
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
CL
RL
VCC
RL
OPEN
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
GND
6V
SW00003
Test Circuit for 3-State Outputs
TEST
SWITCH
tPHZ/tPZH
GND
tPLZ/tPZL
6V
tPLH/tPHL
open
SWITCH POSITION
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
74LVT16
2.7V
≤10MHz
500ns
≤2.5ns ≤2.5ns


유사한 부품 번호 - 74LVT16240A

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
74LVT16240ADGG NEXPERIA-74LVT16240ADGG Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
More results

유사한 설명 - 74LVT16240A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT16244B PHILIPS-74LVT16244B Datasheet
80Kb / 10P
   3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
   16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
   16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
   16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
logo
NXP Semiconductors
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com