전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5744BSU 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD5744BSU
상세설명  Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5744BSU 데이터시트(HTML) 3 Page - Analog Devices

  AD5744BSU Datasheet HTML 1Page - Analog Devices AD5744BSU Datasheet HTML 2Page - Analog Devices AD5744BSU Datasheet HTML 3Page - Analog Devices AD5744BSU Datasheet HTML 4Page - Analog Devices AD5744BSU Datasheet HTML 5Page - Analog Devices AD5744BSU Datasheet HTML 6Page - Analog Devices AD5744BSU Datasheet HTML 7Page - Analog Devices AD5744BSU Datasheet HTML 8Page - Analog Devices AD5744BSU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Preliminary Technical Data
Rev. PrA 15-Nov-04| Page 3 of 27
FUNCTIONAL BLOCK DIAGRAM
INPUT
REG C
GAIN REG C
OFFSET REG C
DAC
REG C
14/16
DAC C
INPUT
REG D
GAIN REG D
REFERENCE
BUFFERS
OFFSET REG D
DAC
REG D
14/16
DAC D
G1
G2
INPUT
REG B
GAIN REG B
OFFSET REG B
DAC
REG B
14/16
DAC B
INPUT
REG A
GAIN REG A
OFFSET REG A
DAC
REG A
14/16
14/16
DAC A
LDAC
VREF CD
TEMP
RSTIN
RSTOUT
VREF AB
REFGND
AGNDD
VOUTD
AGNDC
VOUTC
AGNDB
VOUTB
AGNDA
VOUTA
ISCC
TEMP
SENSOR
REFERENCE
BUFFERS
AVSS
SDIN
SCLK
SYNC
SDO
D0
D1
BIN/2SCOMP
CLR
AVDD
AVSS
AVDD
PGND
DVCC
DGND
+5V
REFERENCE
VOLTAGE
MONITOR
AND
CONTROL
INPUT SHIFT
REGISTER
AND
CONTROL
LOGIC
G1
G2
G1
G2
G1
G2
REFOUT
Figure 1. Functional Block Diagram
AD5744/AD5764


유사한 부품 번호 - AD5744BSU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5744R AD-AD5744R Datasheet
1Mb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5744R AD-AD5744R Datasheet
652Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. A
AD5744R AD-AD5744R Datasheet
548Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. E
AD5744RBSUZ AD-AD5744RBSUZ Datasheet
1Mb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5744RBSUZ-REEL7 AD-AD5744RBSUZ-REEL7 Datasheet
1Mb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

유사한 설명 - AD5744BSU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5744R AD-AD5744R_15 Datasheet
548Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. E
AD5744R AD-AD5744R_08 Datasheet
652Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. A
AD5744R AD-AD5744R Datasheet
1Mb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764 AD-AD5764 Datasheet
266Kb / 27P
   Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrC 21-Oct-0
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com