전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT16373A 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74LVT16373A
상세설명  3.3V LVT 16-bit transparent D-type latch 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16373A 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT16373A Datasheet HTML 2Page - NXP Semiconductors 74LVT16373A Datasheet HTML 3Page - NXP Semiconductors 74LVT16373A Datasheet HTML 4Page - NXP Semiconductors 74LVT16373A Datasheet HTML 5Page - NXP Semiconductors 74LVT16373A Datasheet HTML 6Page - NXP Semiconductors 74LVT16373A Datasheet HTML 7Page - NXP Semiconductors 74LVT16373A Datasheet HTML 8Page - NXP Semiconductors 74LVT16373A Datasheet HTML 9Page - NXP Semiconductors 74LVT16373A Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74LVT16373A
3.3V 16-bit transparent D-type latch (3-State)
1998 Feb 19
6
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
tPLH
tPHL
Propagation delay
nDx to nQx
2
0.5
0.5
1.8
1.9
3.9
3.9
4.5
4.5
ns
tPLH
tPHL
Propagation delay
nE to nQx
1
0.5
0.5
2.1
2.2
4.8
4.8
5.4
5.4
ns
tPZH
tPZL
Output enable time
to High and Low level
4
5
0.1
0.1
2.8
2.6
4.5
4.3
5.1
4.7
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
4
5
0.1
0.1
3.3
3.0
4.5
4.3
5.1
4.7
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP
MIN
tS(H)
tS(L)
Setup time
nDx to nE
3
1.5
2.0
0.1
0.2
1.0
2.0
ns
th(H)
th(L)
Hold time
nDx to nE
3
1.0
1.5
0
0
1.0
2.0
ns
tW(H)
nE pulse width
High
1
1.5
0.5
1.5
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
VM
tw(H)
tPHL
tPLH
nE
nQx
SW00011
2.7V
0V
VOH
VOL
Waveform 1. Propagation Delay, Enable to
Output, and Enable Pulse Width
nDx
VM
tPLH
tPHL
nQx
VM
VM
VM
SW00012
2.7V
0V
VOH
VOL
Waveform 2. Propagation Delay for Data to Outputs
NOTE: The shaded areas indicate when the input is per-
mitted to change for predictable output performance.
VM
nDx
VM
VM
VM
VM
nE
ts(H)
th(H)
ts(L)
th(L)
SW00013
VM
2.7V
0V
2.7V
0V
Waveform 3. Data Setup and Hold Times
nOE
VM
tPZH
tPHZ
0V
nQx
VM
VM
SW00014
2.7V
0V
VOH -0.3V
VOH
Waveform 4. 3-State Output Enable time to High Level
and Output Disable Time from High Level


유사한 부품 번호 - 74LVT16373A

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
74LVT16373ADGG NEXPERIA-74LVT16373ADGG Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
More results

유사한 설명 - 74LVT16373A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
74ALVT16373_3 PHILIPS-74ALVT16373_3_15 Datasheet
116Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
74ALVT16373 PHILIPS-74ALVT16373 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
NXP Semiconductors
74LVT162373 PHILIPS-74LVT162373 Datasheet
121Kb / 12P
   3.3 V LVT 16-bit transparent D-type latch with 30 ohm termination resistors 3-State
1999 Sep 23
74LVT573 PHILIPS-74LVT573 Datasheet
99Kb / 12P
   3.3V Octal D-type transparent latch 3-State
1998 Feb 19
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com