전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFR25H 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 SFR25H
상세설명  Standard metal film resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SFR25H 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SFR25H Datasheet HTML 3Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 4Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 5Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 6Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 7Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 8Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 9Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 10Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2002 Dec 02
7
BCcomponents
Product specification
Standard metal film resistors
SFR16S/25/25H
SFR25H
Fig.6
Pulse on a regular basis; maximum permissible peak pulse power ( max) as
a function of pulse duration (ti).
P
ˆ
10 5
10 4
10 3
10 2
10 1
1
MLB653
10
3
1
10
10 2
Pmax
(W)
t i (s)
10 6
10 1
2
5
10
20
50
100
200
500
p
i
t /t = 1000
Fig.7
Pulse on a regular basis; maximum permissible peak pulse voltage ( max) as
a function of pulse duration (ti).
V
ˆ
SFR25H
handbook, full pagewidth
JWB289
1200
0
10 6
10 5
10 4
10 3
10 2
10 1
1
800
400
Vmax
(V)
t i (s)


유사한 부품 번호 - SFR25H

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SFR25H ETC1-SFR25H Datasheet
349Kb / 15P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25H VISHAY-SFR25H Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
More results

유사한 설명 - SFR25H

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com