전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFR25H 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 SFR25H
상세설명  Standard metal film resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SFR25H 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SFR25H Datasheet HTML 4Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 5Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 6Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 7Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 8Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 9Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 10Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 11Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the schedule of
“IEC publication 60115-1”, category 55/155/56 (rated temperature range
-55 °C to +155 °C; damp heat, long term, 56 days). The testing also covers
the requirements specified by EIA and EIAJ.
The tests are carried out in accordance with IEC publication 60068-2,
“Recommended basic climatic and mechanical robustness testing
procedure for electronic components” and under standard atmospheric
conditions according to “IEC 60068-1”, subclause 5.3.
In Table 5 the tests and requirements are listed with reference to the relevant
clauses of “IEC publications 60115-1 and 60068-2”; a short description of
the test procedure is also given. In some instances deviations from the IEC
recommendations were necessary for our method of specifying.
Table 5
Test procedures and requirements
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
RESISTANCE
RANGE
REQUIREMENTS
SFR16S
SFR25
SFR25H
4.16
21 (U)
robustness of
terminations:
4.16.2
21 (Ua1)
tensile all samples
Æ0.45 mm, load 5 N; 10 s
number of failures
<10 ´ 10-6
Æ0.58 mm, load 10 N; 10 s
4.16.3
21 (Ub)
bending half
number of
samples
Æ0.45 mm, load 2.5 N; 4 ´ 90°
number of failures
<10 ´ 10-6
Æ0.58 mm, load 5 N; 4 ´ 90°
4.16.4
21 (Uc)
torsion other half
of samples
3
´ 360° in opposite directions
no damage
DR/R max.: ±0.25% + 0.05 W
4.17
20 (Ta)
solderability
2 s; 235
°C; flux 600
good tinning; no damage
4.18
20 (Tb)
resistance to
soldering heat
3.5 s; 350
°C;
solder bath method
DR/R max.: ±0.25% + 0.05 W
4.19
14 (Na)
rapid change of
temperature
30 minutes at
-55 °C and
30 minutes at +155
°C; 5 cycles
DR/R max.: ±0.25% + 0.05 W
4.20
29 (Eb)
bump
3
´ 1500 bumps in 3 directions;
40 g
no damage
DR/R max.: ±0.25% + 0.05 W
4.22
6 (Fc)
vibration
frequency 10 to 500 Hz;
displacement 1.5 mm or
acceleration 10 g; 3 directions;
total 6 hours (3
´ 2 hours)
no damage
DR/R max.: ±0.25% + 0.05 W


유사한 부품 번호 - SFR25H

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SFR25H ETC1-SFR25H Datasheet
349Kb / 15P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25H VISHAY-SFR25H Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
More results

유사한 설명 - SFR25H

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com