전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14530BCL 데이터시트(PDF) 5 Page - Motorola, Inc

부품명 MC14530BCL
상세설명  DUAL 5-INPUT MAJORITY LOGIC GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14530BCL 데이터시트(HTML) 5 Page - Motorola, Inc

  MC14530BCL Datasheet HTML 1Page - Motorola, Inc MC14530BCL Datasheet HTML 2Page - Motorola, Inc MC14530BCL Datasheet HTML 3Page - Motorola, Inc MC14530BCL Datasheet HTML 4Page - Motorola, Inc MC14530BCL Datasheet HTML 5Page - Motorola, Inc MC14530BCL Datasheet HTML 6Page - Motorola, Inc MC14530BCL Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
5
MC14530B
BASIC COMBINATIONAL FUNCTIONS
5–INPUT MAJORITY LOGIC GATE APPLICATIONS
DOUBLING THE WEIGHT OF INPUT VARIABLE A
BY TYING IT TO ANY TWO INPUTS
CORRELATION OF MULTIPLE SAMPLES
WITH A TEST BIT
The gate will have a “1” output if
the test bit To matches or corre-
lates with 3, 4 or 5 of the sample
bits S0–S4.
1. Majority Logic Gate Array
yielding the symmetric function
of 1 thru 7 variables true, out
of 7 input variables (X1... X7)
(e.g., if any two–input variables
are true (logical “1”), Z1 and
Z2 are true (logical “1”)
Each package labeled M5 is a single majority logic gate
using five inputs, A thru E, and one output Z.
A
W
0
B
C
D
E
M5
Z
A
W
1
B
C
D
E
M5
Z
A
W
0
B
C
M3
Z
1
0
A
W
1
B
C
M3
Z
1
0
A
W
1
B
C
OR3
Z
1
1
A
W
0
B
C
NOR3
Z
1
1
A
W
1
B
C
AND3
Z
0
0
A
W
0
B
C
NAND3
Z
0
0
5–INPUT MAJORITY GATES
3–INPUT MAJORITY GATES
3–INPUT OR GATE
3–INPUT AND GATE
3–INPUT NAND GATE
3–INPUT NOR GATE
A
B
C
D
E
M5
A
B
C
D
E
M5
A
B
C
D
E
M5
A
B
C
D
E
M5
A
B
C
D
E
M5
A
B
C
D
E
M5
A
B
C
D
E
M5
M5
M5
M5
M5
M5
M5
M5
M5
Z1
Z2
Z3
Z4
Z5
Z6
Z7
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
X1
X4
X6
X7
X5
X3
X2
A
A
B
C
D
Z
Z
Z
Z
W
W
A
B
C
D
E
To
W
W
W
S0
S1
S2
S3
S4
A
B
C
D
E
To
S0
S1
S2
S3
A
B
C
D
E
To
To
S0
S1
S2
CORRELATION OF 100%
CORRELATION OF 75%, 100%
CORRELATION OF 60%, 80%, 100%
(AB + AC + AD + BCD)
W
To
To


유사한 부품 번호 - MC14530BCL

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145310 MOTOROLA-MC145310 Datasheet
39Kb / 1P
   Tone/Pulse dialler with flash
MC14531B MOTOROLA-MC14531B Datasheet
175Kb / 5P
   12-BIT PARITY TREE
MC14531BCL MOTOROLA-MC14531BCL Datasheet
175Kb / 5P
   12-BIT PARITY TREE
MC14531BCP MOTOROLA-MC14531BCP Datasheet
175Kb / 5P
   12-BIT PARITY TREE
MC14531BD MOTOROLA-MC14531BD Datasheet
175Kb / 5P
   12-BIT PARITY TREE
More results

유사한 설명 - MC14530BCL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F260 PHILIPS-74F260 Datasheet
68Kb / 8P
   Dual 5-input NOR gate
1988 Nov 29
logo
Motorola, Inc
SN54LS260 MOTOROLA-SN54LS260 Datasheet
119Kb / 4P
   DUAL 5-INPUT NOR GATE
logo
National Semiconductor ...
DM54LS260 NSC-DM54LS260 Datasheet
124Kb / 6P
   Dual 5-Input NOR Gate
54LS26 NSC-54LS26 Datasheet
52Kb / 2P
   Dual 5-Input NOR Gate
logo
List of Unclassifed Man...
T74LS260B1 ETC-T74LS260B1 Datasheet
106Kb / 3P
   DUAL 5 INPUT NOR GATE
logo
AiT Semiconductor Inc.
AL2G08 AITSEMI-AL2G08 Datasheet
456Kb / 8P
   LOGIC DUAL 2-INPUT POSITIVE-AND GATE
REV1.0
logo
Torex Semiconductor
XC74WL02AASR TOREX-XC74WL02AASR Datasheet
129Kb / 3P
   CMOS Logic Dual 2-input NOR Gate
logo
Texas Instruments
SN74F260 TI-SN74F260 Datasheet
44Kb / 3P
[Old version datasheet]   DUAL 5-INPUT POSITIVE-NOR GATE
SN74F260 TI1-SN74F260_14 Datasheet
554Kb / 10P
[Old version datasheet]   DUAL 5-INPUT POSITIVE-NOR GATE
logo
Torex Semiconductor
XC74WL86AASR TOREX-XC74WL86AASR Datasheet
146Kb / 3P
   CMOS Logic Dual 2-input Exclusive OR Gate
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com