전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT240D 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74LVT240D
상세설명  ABT octal inverting buffer 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT240D 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74LVT240D Datasheet HTML 2Page - NXP Semiconductors 74LVT240D Datasheet HTML 3Page - NXP Semiconductors 74LVT240D Datasheet HTML 4Page - NXP Semiconductors 74LVT240D Datasheet HTML 5Page - NXP Semiconductors 74LVT240D Datasheet HTML 6Page - NXP Semiconductors 74LVT240D Datasheet HTML 7Page - NXP Semiconductors 74LVT240D Datasheet HTML 8Page - NXP Semiconductors 74LVT240D Datasheet HTML 9Page - NXP Semiconductors 74LVT240D Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Philips Semiconductors
Product specification
74LVT240
yyyy mmm dd
10
Definitions
Short-form specification — The data in a short-form specification is extracted from a full data sheet with the same type number and title. For
detailed information see the relevant data sheet or data handbook.
Limiting values definition — Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one
or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or
at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended
periods may affect device reliability.
Application information — Applications that are described herein for any of these products are for illustrative purposes only. Philips
Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
Disclaimers
Life support — These products are not designed for use in life support appliances, devices or systems where malfunction of these products can
reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application.
Right to make changes — Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard
cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no
responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these
products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless
otherwise specified.
Philips Semiconductors
811 East Arques Avenue
P.O. Box 3409
Sunnyvale, California 94088–3409
Telephone 800-234-7381
© Copyright Philips Electronics North America Corporation 1998
All rights reserved. Printed in U.S.A.
print code
Date of release: 05-96
Document order number:
9397-750-03806
Philips
Semiconductors
Data sheet
status
Objective
specification
Preliminary
specification
Product
specification
Product
status
Development
Qualification
Production
Definition [1]
This data sheet contains the design target or goal specifications for product development.
Specification may change in any manner without notice.
This data sheet contains preliminary data, and supplementary data will be published at a later date.
Philips Semiconductors reserves the right to make chages at any time without notice in order to
improve design and supply the best possible product.
This data sheet contains final specifications. Philips Semiconductors reserves the right to make
changes at any time without notice in order to improve design and supply the best possible product.
Data sheet status
[1]
Please consult the most recently issued datasheet before initiating or completing a design.


유사한 부품 번호 - 74LVT240D

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVT240D NEXPERIA-74LVT240D Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
More results

유사한 설명 - 74LVT240D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT240 PHILIPS-74LVT240_15 Datasheet
95Kb / 10P
   ABT octal inverting buffer (3-State)
1998 Feb 19
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
   Inverting Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC540 ONSEMI-MM74HC540 Datasheet
206Kb / 9P
   Inverting Octal 3-STATE Buffer
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com