전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145502 데이터시트(PDF) 10 Page - Motorola, Inc

부품명 MC145502
상세설명  PCM CODEC-FILTER MONO- CIRCUIT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145502 데이터시트(HTML) 10 Page - Motorola, Inc

Back Button MC145502 Datasheet HTML 6Page - Motorola, Inc MC145502 Datasheet HTML 7Page - Motorola, Inc MC145502 Datasheet HTML 8Page - Motorola, Inc MC145502 Datasheet HTML 9Page - Motorola, Inc MC145502 Datasheet HTML 10Page - Motorola, Inc MC145502 Datasheet HTML 11Page - Motorola, Inc MC145502 Datasheet HTML 12Page - Motorola, Inc MC145502 Datasheet HTML 13Page - Motorola, Inc MC145502 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MC145500
•MC145501•MC145502•MC145503•MC145505
MOTOROLA
10
RDD
Receive Digital Data Input
RDD is the receive digital data input. The timing for this pin
is controlled by RDC and RCE. The data format is deter-
mined by the Mu/A pin.
Mu/A
Select
This pin selects the companding law and the data format at
TDD and RDD.
Mu/A = VDD; Mu–255 Companding D3 Data Format with
Zero Code Suppress
Mu/A = VAG; Mu–255 Companding with Sign Magnitude
Data Format
Mu/A = VSS; A–Law Companding with CCITT Data Format
Bit Inversions
Code
Sign/
Magnitude
Mu–Law
A–Law
(CCITT)
+ Full Scale
1111
1111
1000
0000
1010
1010
+ Zero
1000
0000
1111
1111
1101
0101
– Zero
0000
0000
0111
1111
0101
0101
– Full Scale
0111
1111
0000
0010
0010
1010
0
1
2
3
4
5
6
7
SIGN
BIT
CHORD BITS
STEP BITS
NOTE: Starting from sign magnitude, to change format:
To Mu–Law —
MSB is unchanged (sign)
Invert remaining seven bits
If code is 0000 0000, change to 0000 0010 (for zero
code suppression)
To A–Law —
MSB is unchanged (sign)
Invert odd numbered bits
Ignore zero code suppression
PDI
Power Down Input
The power down input disables the bias circuitry and gates
off all clock inputs. This puts the VAG, Txl, RxO, RxO, and
TDD outputs into a high–impedance state. The power dissi-
pation is reduced to 0.1 mW when PDI is a low logic level.
The circuit operates normally with PDI = VDD or with a logic
high as defined by connection at VLS. TDD will not come out
of high impedance for two MSI cycles after PDI goes high.
DCLK
Data Clock Input
In the MC145505, TDC and RDC are internally connected
to DCLK.
ANALOG
VAG
Analog Ground input/Output Pin
VAG is the analog ground power supply input/output. All
analog signals into and out of the device use this as their
ground reference. Each version of the MC145500 PCM Co-
dec–Filter family can provide its own analog ground supply
internally. The dc voltage of this internal supply is 6% positive
of the midway between VDD and VSS. This supply can sink
more than 8 mA but has a current source limited to 400
µA.
The output of this supply is internally connected to the analog
ground input of the part. The node where this supply and the
analog ground are connected is brought out to the VAG pin. In
symmetric dual supply systems (
± 5, ± 6, etc.), VAG may be
externally tied to the system analog ground supply. When
RxO or RxO drive low impedance loads tied to VAG, a pull–up
resistor to VDD will be required to boost the source current
capability if VAG is not tied to the supply ground. All analog
signals for the part are referenced to VAG, including noise;
therefore, decoupling capacitors (0.1
µF) should be used
from VDD to VAG and VSS to VAG.
Vref
Positive Voltage Reference Input (MC145502 Only)
The Vref pin allows an external reference voltage to be
used for the A/D and D/A conversions. If Vref is tied to VSS,
the internal reference is selected. If Vref > VAG, then the ex-
ternal mode is selected and the voltage applied to Vref is
used for generating the internal converter reference voltage.
In either internal or external reference mode, the actual volt-
age used for conversion is multiplied by the ratio selected by
the RSI pin. The RSI pin circuitry is explained under its pin
description below. Both the internal and external references
are inverted within the PCM Codec–Filter for negative input
voltages such that only one reference is required.
External Mode — In the external reference mode (Vref >
VAG), a 2.5 V reference like the MC1403 may be connected
from Vref to VAG. A single external reference may be shared
by tying together a number of Vref pins and VAG pins from dif-
ferent codec–filters. In special applications, the external ref-
erence voltage may be between 0.5 and 5 V. However, the
reference voltage gain selection circuitry associated with RSI
must be considered to arrive at the desired codec–filter gain.
Internal Mode — In the internal reference mode (Vref =
VSS), an internal 2.5 V reference supplies the reference volt-
age for the RSI circuitry. The Vref pin is functionally con-
nected to VSS for the MC145500, MC145501, MC145503,
and MC145505 pinouts.
RSI
Reference Select Input (MC145501/02 Only)
The RSI input allows the selection of three different over-
load or full–scale A/D and D/A converter reference voltages
independent of the internal or external reference mode. The
RSI pin is a digital input that senses three different logic
states: VSS, VAG, and VDD. For RSI = VAG, the reference
voltage is used directly for the converters. The internal refer-
ence is 2.5 V. For RSI = VSS, the reference voltage is multi-
plied by the ratio of 1.26, which results in an internal
converter reference of 3.15 V. For RSI = VDD, the reference
voltage is multiplied by 1.51, which results in an internal con-
verter reference of 3.78 V. The device requires a minimum of
1.0 V of headroom between the internal converter reference
to VDD. VSS has this same absolute valued minimum, also
measured from VAG pin. The various modes of operation are
summarized in Table 2. The RSI pin is functionally connected
to VSS for the MC145500, MC145503, and MC145505
pinouts.


유사한 부품 번호 - MC145502

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
MC145502FN LANSDALE-MC145502FN Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502FN LANSDALE-MC145502FN Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502P LANSDALE-MC145502P Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502P LANSDALE-MC145502P Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
More results

유사한 설명 - MC145502

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502_08 Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145506 MOTOROLA-MC145506 Datasheet
405Kb / 24P
   PCM CODEC FILTER MONO CIRCUIT
logo
LANSDALE Semiconductor ...
ML145502 LANSDALE-ML145502 Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com