전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145482 데이터시트(PDF) 8 Page - Motorola, Inc

부품명 MC145482
상세설명  5V 13-BIT LINEAR PCM CODEC-FILTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145482 데이터시트(HTML) 8 Page - Motorola, Inc

Back Button MC145482 Datasheet HTML 4Page - Motorola, Inc MC145482 Datasheet HTML 5Page - Motorola, Inc MC145482 Datasheet HTML 6Page - Motorola, Inc MC145482 Datasheet HTML 7Page - Motorola, Inc MC145482 Datasheet HTML 8Page - Motorola, Inc MC145482 Datasheet HTML 9Page - Motorola, Inc MC145482 Datasheet HTML 10Page - Motorola, Inc MC145482 Datasheet HTML 11Page - Motorola, Inc MC145482 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MC145482
MOTOROLA
8
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
The MC145482 is manufactured using high–speed CMOS
VLSI technology to implement the complex analog signal
processing functions of a PCM Codec–Filter. The fully–differ-
ential analog circuit design techniques used for this device
result in superior performance for the switched capacitor fil-
ters, the analog–to–digital converter (ADC) and the digital–
to–analog converter (DAC). Special attention was given to
the design of this device to reduce the sensitivities of noise,
including power supply rejection and susceptibility to radio
frequency noise. This special attention to design includes a
fifth order low–pass filter, followed by a third order high–pass
filter whose output is converted to a digital signal with greater
than 75 dB of dynamic range, all operating on a single 5 V
power supply. This results in an LSB size for small audio sig-
nals of about 386
µV. The typical idle channel noise level of
this device is less than one LSB. In addition to the dynamic
range of the codec–filter function of this device, the input
gain–setting op amp has the capability of greater than 35 dB
of gain intended for an electret microphone interface.
This device was designed for ease of implementation, but
due to the large dynamic range and the noisy nature of the
environment for this device (digital switches, radio tele-
phones, DSP front–end, etc.) special care must be taken to
assure optimum analog transmission performance.
PC BOARD MOUNTING
It is recommended that the device be soldered to the PC
board for optimum noise performance. If the device is to be
used in a socket, it should be placed in a low parasitic pin
inductance (generally, low–profile) socket.
POWER SUPPLY, GROUND, AND NOISE
CONSIDERATIONS
This device is intended to be used in switching applica-
tions which often require plugging the PC board into a rack
with power applied. This is known as ‘‘hot–rack insertion.’’ In
these applications care should be taken to limit the voltage
on any pin from going positive of the VDD pins, or negative of
the VSS pins. One method is to extend the ground and power
contacts of the PCB connector. The device has input protec-
tion on all pins and may source or sink a limited amount of
current without damage. Current limiting may be accom-
plished by series resistors between the signal pins and the
connector contacts.
The most important considerations for PCB layout deal
with noise. This includes noise on the power supply, noise
generated by the digital circuitry on the device, and cross
coupling digital or radio frequency signals into the audio sig-
nals of this device. The best way to prevent noise is to:
1. Keep digital signals as far away from audio signals as
possible.
2. Keep radio frequency signals as far away from the audio
signals as possible.
3. Use short, low inductance traces for the audio circuitry
to reduce inductive, capacitive, and radio frequency
noise sensitivities.
4. Use short, low inductance traces for digital and RF
circuitry to reduce inductive, capacitive, and radio
frequency radiated noise.
5. Bypass capacitors should be connected from the VDD,
VAG Ref, and VAG pins to VSS with minimal trace length.
Ceramic monolithic capacitors of about 0.1
µF are
acceptable for the VDD and VAG Ref pins to decouple the
device from its own noise. The VDD capacitor helps
supply the instantaneous currents of the digital circuitry
in addition to decoupling the noise which may be
generated by other sections of the device or other
circuitry on the power supply. The VAG Ref decoupling
capacitor is effecting a low–pass filter to isolate the
mid–supply voltage from the power supply noise gener-
ated on–chip, as well as external to the device. The VAG
decoupling capacitor should be about 0.01
µF. This
helps to reduce the impedance of the VAG pin to VSS at
frequencies above the bandwidth of the VAG generator,
which reduces the susceptiblility to RF noise.
6. Use a short, wide, low inductance trace to connect the
VSS ground pin to the power supply ground. The VSS pin
is the digital ground and the most negative power supply
pin for the analog circuitry. All analog signal processing
is referenced to the VAG pin, but because digital and RF
circuitry will probably be powered by this same ground,
care must be taken to minimize high frequency noise in
the VSS trace. Depending on the application, a double–
sided PCB with a VSS ground plane connecting all of the
digital and analog VSS pins together would be a good
grounding method. A multilayer PC board with a ground
plane connecting all of the digital and analog VSS pins
together would be the optimal ground configuration.
These methods will result in the lowest resistance and
the lowest inductance in the ground circuit. This is
important to reduce voltage spikes in the ground circuit
resulting from the high speed digital current spikes. The
magnitude of digitally induced voltage spikes may be
hundreds of times larger than the analog signal the
device is required to digitize.
7. Use a short, wide, low inductance trace to connect the
VDD power supply pin to the 5 V power supply.
Depending on the application, a double–sided PCB with
VDD bypass capacitors to the VSS ground plane, as
described above, may complete the low impedance
coupling for the power supply. For a multilayer PC board
with a power plane, connecting all of the VDD pins to the
power plane would be the optimal power distribution
method. The integrated circuit layout and packaging
considerations for the 5 V VDD power circuit are
essentially the same as for the VSS ground circuit.
8. The VAG pin is the reference for all analog signal
processing. In some applications the audio signal to be
digitized may be referenced to the VSS ground. To
reduce the susceptibility to noise at the input of the ADC
section, the three–terminal op amp may be used in a
differential to single–ended circuit to provide level
conversion from the VSS ground to the VAG ground with
noise cancellation. The op amp may be used for more
than 35 dB of gain in microphone interface circuits, which
will require a compact layout with minimum trace lengths
as well as isolation from noise sources. It is recom-
mended that the layout be as symmetrical as possible to
avoid any imbalances which would reduce the noise
cancelling benefits of this differential op amp circuit.
Refer to the application schematics for examples of this
circuitry.


유사한 부품 번호 - MC145482

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480DW MOTOROLA-MC145480DW Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480P MOTOROLA-MC145480P Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480VF MOTOROLA-MC145480VF Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
More results

유사한 설명 - MC145482

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com