전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145482 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 MC145482
상세설명  5V 13-BIT LINEAR PCM CODEC-FILTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145482 데이터시트(HTML) 1 Page - Motorola, Inc

  MC145482 Datasheet HTML 1Page - Motorola, Inc MC145482 Datasheet HTML 2Page - Motorola, Inc MC145482 Datasheet HTML 3Page - Motorola, Inc MC145482 Datasheet HTML 4Page - Motorola, Inc MC145482 Datasheet HTML 5Page - Motorola, Inc MC145482 Datasheet HTML 6Page - Motorola, Inc MC145482 Datasheet HTML 7Page - Motorola, Inc MC145482 Datasheet HTML 8Page - Motorola, Inc MC145482 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MC145482
MOTOROLA
1
Product Preview
5 V 13-Bit Linear PCM
Codec-Filter
The MC145482 is a 13–bit linear PCM Codec–Filter with 2s complement data
format, and is offered in 20–pin SOG and SSOP packages. This device
performs the voice digitization and reconstruction as well as the band limiting
and smoothing required for the voice coding in digital communication systems.
This device is designed to operate in both synchronous and asynchronous
applications and contains an on–chip precision reference voltage.
This device has an input operational amplifier whose output is the input to the
encoder section. The encoder section immediately low–pass filters the analog
signal with an active R–C filter to eliminate very high frequency noise from being
modulated down to the passband by the switched capacitor filter. From the
active R–C filter, the analog signal is converted to a differential signal. From this
point, all analog signal processing is done differentially. This allows processing
of an analog signal that is twice the amplitude allowed by a single–ended
design, which reduces the significance of noise to both the inverted and
non–inverted signal paths. Another advantage of this differential design is that
noise injected via the power supplies is a common–mode signal that is
cancelled when the inverted and non–inverted signals are recombined. This
dramatically improves the power supply rejection ratio.
After the differential converter, a differential switched capacitor filter band–
passes the analog signal from 200 Hz to 3400 Hz before the signal is digitized
by the differential 13–bit linear A/D converter. The digital output is 2s
complement format.
The decoder digital input accepts 2s complement data and reconstructs it
using a differential 13–bit linear D/A converter. The output of the D/A is
low–pass filtered at 3400 Hz and sinX/X compensated by a differential switched
capacitor filter. The signal is then filtered by an active R–C filter to eliminate the
out–of–band energy of the switched capacitor filter.
The MC145482 PCM Codec–Filter has a high impedance VAG reference pin
which allows for decoupling of the internal circuitry that generates the
mid–supply VAG reference voltage to the VSS power supply ground. This
reduces clock noise on the analog circuitry when external analog signals are
referenced to the power supply ground.
The MC145482 13–bit linear PCM Codec–Filter accepts both Short Frame
Sync and Long Frame Sync clock formats, and utilizes CMOS due to its reliable
low–power performance and proven capability for complex analog/digital VLSI
functions.
• Single 5 V Power Supply
• 13–Bit Linear ADC/DAC Conversions with 2s Complement Data Format
• Typical Power Dissipation of 25 mW, Power–Down of 0.01 mW
• Fully–Differential Analog Circuit Design for Lowest Noise
• Transmit Band–Pass and Receive Low–Pass Filters On–Chip
• Transmit High–Pass Filter May be Bypassed by Pin Selection
• Active R–C Pre–Filtering and Post–Filtering
• On–Chip Precision Reference Voltage of 1.575 V for a 0 dBm TLP
@ 600
• Full–Duplex Sample Rates from 7 k to 16 k Samples/s
• 3–Terminal Input Op Amp Can be Used, or a 2–Channel Input Multiplexer
• Receive Gain Control from 0 dB to – 21 dB in 3 dB Steps in Synchronous
Operation
• Push–Pull 300 Ω Power Drivers with External Gain Adjust
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MC145482/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MC145482
DW SUFFIX
SOG PACKAGE
CASE 751D
ORDERING INFORMATION
MC145482DW
SOG Package
MC145482SD
SSOP
20
1
VDD
PO–
PI
RO–
VAG Ref
PDI
BCLKR
DR
FSR
PO+
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
HB
TG
TI–
TI+
VAG
MCLK
BCLKT
DT
FST
VSS
SD SUFFIX
SSOP
CASE 940C
20
1
© Motorola, Inc. 1997
REV 0
3/97
TN97032700


유사한 부품 번호 - MC145482

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480DW MOTOROLA-MC145480DW Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480P MOTOROLA-MC145480P Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480VF MOTOROLA-MC145480VF Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
More results

유사한 설명 - MC145482

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com