전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT2952D 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74LVT2952D
상세설명  3.3V LVT octal registered transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2952D 데이터시트(HTML) 3 Page - NXP Semiconductors

  74LVT2952D Datasheet HTML 1Page - NXP Semiconductors 74LVT2952D Datasheet HTML 2Page - NXP Semiconductors 74LVT2952D Datasheet HTML 3Page - NXP Semiconductors 74LVT2952D Datasheet HTML 4Page - NXP Semiconductors 74LVT2952D Datasheet HTML 5Page - NXP Semiconductors 74LVT2952D Datasheet HTML 6Page - NXP Semiconductors 74LVT2952D Datasheet HTML 7Page - NXP Semiconductors 74LVT2952D Datasheet HTML 8Page - NXP Semiconductors 74LVT2952D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LVT2952
3.3V Octal registered transceiver (3-State)
1998 Feb 19
3
LOGIC SYMBOL
9
15
16 17 18
19
20 21 22
23
A0 A1 A2 A3 A4 A5 A6
A7
B0 B1 B2 B3 B4 B5 B6
B7
876
5
4
32
1
10
14
11
13
CPAB
CPBA
CEAB
CEBA
OEBA
OEAB
SV00037
LOGIC SYMBOL (IEEE/IEC)
16
17
18
19
20
21
22
23
8
7
6
5
4
3
2
1
2C6
G2
15
13
10
11
EN4 (AB)
9
1C5
14
G1
EN3 (BA)
3
6D
5D
4
1
1
SV00038
LOGIC DIAGRAM
CEAB
CE Q
CP
D
CE
Q
CP D
DETAIL A
DETAIL A X 7
CPAB
OEAB
A0
A1
A2
CPBA
OEBA
B0
A3
A4
A5
A6
A7
CEBA
B1
B2
B3
B4
B5
B6
B7
8
7
6
5
4
3
2
1
11
10
9
16
17
18
14
15
19
20
21
22
23
13
SV00039
FUNCTION TABLE for Register An or Bn
INPUTS
INTERNAL
OPERATING
An or Bn
CPXX
CEXX
INTERNAL
Q
OPERATING
MODE
X
X
H
NC
Hold data
L
H
L
L
L
H
Load data
H = High voltage level
L
= Low voltage level
↑ = Low-to-High transition
X = Don’t care
XX = AB or BA
NC= No change
FUNCTION TABLE for Output Enable
INPUTS
INTERNAL
An or Bn
OPERATING
OEXX
INTERNAL
Q
An or Bn
OUTPUTS
OPERATING
MODE
H
X
Z
Disable outputs
L
L
L
H
L
H
Enable outputs
H = High voltage level
L
= Low voltage level
X = Don’t care
XX = AB or BA
Z = High impedance ”off” state


유사한 부품 번호 - 74LVT2952D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT20 PHILIPS-74LVT20 Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20D PHILIPS-74LVT20D Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20DB PHILIPS-74LVT20DB Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20PW PHILIPS-74LVT20PW Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20PWDH PHILIPS-74LVT20PWDH Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
More results

유사한 설명 - 74LVT2952D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
   Dual octal registered transceiver 3-State
August 23, 1993
74ABT2953 PHILIPS-74ABT2953 Datasheet
73Kb / 6P
   Octal registered transceiver, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC543A PHILIPS-74LVC543A Datasheet
104Kb / 12P
   Octal D-type registered transceiver 3-State
1998 Jul 31
logo
Texas Instruments
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F543 PHILIPS-74F543 Datasheet
119Kb / 16P
   Octal registered transceiver, non-inverting 3-State
1994 Dec 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com