전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145442B 데이터시트(PDF) 8 Page - Motorola, Inc

부품명 MC145442B
상세설명  SINGLE-CHIP 300-BAUD MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145442B 데이터시트(HTML) 8 Page - Motorola, Inc

Back Button MC145442B Datasheet HTML 4Page - Motorola, Inc MC145442B Datasheet HTML 5Page - Motorola, Inc MC145442B Datasheet HTML 6Page - Motorola, Inc MC145442B Datasheet HTML 7Page - Motorola, Inc MC145442B Datasheet HTML 8Page - Motorola, Inc MC145442B Datasheet HTML 9Page - Motorola, Inc MC145442B Datasheet HTML 10Page - Motorola, Inc MC145442B Datasheet HTML 11Page - Motorola, Inc MC145442B Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC145442B
•MC145443B
MOTOROLA
8
APPLICATIONS INFORMATION
CARRIER DETECT TIMING ADJUSTMENT
The value of a capacitor, CCDT at CDT (pin 4) determines
how long a received modem signal must be present above
the minimum threshold level before CD (pin 3) goes low. The
CCDT capacitor also determines how long the CD pin stays
low after the received modem signal goes below the mini-
mum threshold. The CD pin is used to distinguish a strong
modem signal from random noise. The following equations
show the relationship between tCDL, the time in seconds re-
quired for CD to go low; tCDH, the time in seconds required
for CD to go high; and CCDT, the capacitor value in µF.
Valid signal to CD response time: tCDL ≈ 6.4 × CCDT
Invalid signal to CD off time:
tCDH ≈ 0.54 × CCDT
Example: tCDL ≈ 6.4 × 0.1 µF ≈ 0.64 seconds
tCDH ≈ 0.54 × 0.1 µF ≈ 0.054 seconds
CARRIER DETECT THRESHOLD ADJUSTMENT
The carrier detect threshold is set by internal resistors to
activate CD with a typical –44 dBm (into 600
Ω) signal and
deactivate CD with a typical –47 dBm signal applied to the
input of the hybrid circuit. The carrier detect threshold level
can be adjusted by applying an external voltage on CDA
(pin 7). The following equations may be used to find the CDA
voltage required for a given threshold voltage. (Von and Voff
are in Vrms.)
VCDA = 244 × Von
VCDA = 345 × Voff
Example (Internally Set)
Von = 4.9 mV ≈ –44 dBm: VCDA = 244 × 4.9 mV = 1.2 V
Voff = 3.5 mV ≈ –47 dBm: VCDA = 345 × 3.5 mV = 1.2 V
Example (Externally Set)
Von = 7.7 mV ≈ –40 dBm: VCDA = 244 × 7.7 mV = 1.9 V
Voff = 5.4 mV ≈ –43 dBm: VCDA = 345 × 5.4 mV = 1.9 V
The CDA pin has an approximate Thevenin equivalent
voltage of 1.2 V and an output impedance of 100 k
Ω. When
using the internal 1.2 V reference, a 0.1
µF capacitor should
be connected between this pin and VSS (see Figure 5).
TRANSMIT LEVEL ADJUSTMENT
The power output at TxA (pin 17) is determined by the
value of resistor RTLA that is connected between TLA
(pin 20) to VDD (pin 6). Table 3 shows the RTLA values and
the corresponding power output for a 600
Ω load. The volt-
age at TxA is twice the value of that at ring and tip because
TxA feeds the signal through a 600
Ω resistor RTx to a 600 Ω
line transformer (see Figure 7). When choosing resistor
RTLA, keep in mind that –9 dBm is the maximum output level
allowed from a modem onto the telephone line (in the U.S.).
In addition, keep in mind that maximizing the power output
from the modem optimizes the signal–to–noise ratio, improv-
ing accurate data transmission.
Table 3. Transmit Level Adjust
Output Transmit Level
(Typical into 600
Ω)
RTLA
–12 dBm
–11 dBm
19.8 k
–10 dBm
9.2 k
–9 dBm
5.5 k
THE LINE DRIVER
The line driver is a power amplifier used for driving a tele-
phone line. Both the inverting and noninverting input to the
line driver are available for transmitting externally generated
tones.
Exl (pin 18) is the noninverting input to the line driver and
gives a fixed gain of 2 (Ri = 50 kΩ). The average signal level
must be the same as VAG to maintain proper operation. This
pin should be connected to VAG if not used.
The driver summing input (DSI, pin 1) may be used to con-
nect an external signal, such as a DTMF dialer, to the phone
line. When applying a signal to the DSI pin, the modulator
should be squelched by bringing SQT (pin 14) to a logic high
level. DSI must be left open if not used.
In addition, the DSI pin is the inverting side of the line driv-
er and allows adjustable gain with a series resistor RDSI (see
Figure 6). The voltage gain, AV, is determined by the
equation:
AV = –
Rf
RDSI
where Rf ≈ 20 kΩ.
Example: A resistor value of 20 k
Ω for RDSI will provide
unity gain.
AV = – (20 kΩ/20 kΩ) = –1 .


유사한 부품 번호 - MC145442B

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
MC145442BDW LANSDALE-MC145442BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145442BDW LANSDALE-MC145442BDW Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
MC145442BP LANSDALE-MC145442BP Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145442BP LANSDALE-MC145442BP Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
More results

유사한 설명 - MC145442B

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com