전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145443B 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 MC145443B
상세설명  SINGLE-CHIP 300-BAUD MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145443B 데이터시트(HTML) 2 Page - Motorola, Inc

  MC145443B Datasheet HTML 1Page - Motorola, Inc MC145443B Datasheet HTML 2Page - Motorola, Inc MC145443B Datasheet HTML 3Page - Motorola, Inc MC145443B Datasheet HTML 4Page - Motorola, Inc MC145443B Datasheet HTML 5Page - Motorola, Inc MC145443B Datasheet HTML 6Page - Motorola, Inc MC145443B Datasheet HTML 7Page - Motorola, Inc MC145443B Datasheet HTML 8Page - Motorola, Inc MC145443B Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC145442B
•MC145443B
MOTOROLA
2
BLOCK DIAGRAM
* Refer to the FB pin description.
15
16
RxA2
RxA1
LB
MODE
SQT
TxD
TLA
Xout
Xin
9
8
20
11
14
13
2
MODE
CONTROL
MODULATOR
OSCILLATOR
CLOCK
DIVIDER
SAMPLING CLOCK: 77.82 kHz
SAMPLING CLOCK: 19.46 kHz
INTERNAL
VAG
ANALOG
GROUND
GENERATOR
12
6
19
VAG
AAF
S/H
LOW–BAND
BPF
HIGH–BAND
BPF
AC AMP
*
SMOOTHING
FILTER
18
17
ExI
TxA
1
10
DSI
FB
DEMOD
5
RxD
3
CARRIER
DETECT
CD
CDA
CDT
7
4
VDD
VSS
+
+
ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to VSS)
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.5 to 7.0
V
DC Input Voltage
Vin
–0.5 to VDD + 0.5
V
DC Output Voltage
Vout
–0.5 to VDD + 0.5
V
Clamp Diode Current, per Pin
IIK, IOK
±20
mA
DC Output Current, per Pin
Iout
±28
mA
Power Dissipation
PD
500
mW
Operating Temperature Range
TA
–40 to 85
°C
Storage Temperature Range
Tstg
–65 to 150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VDD
4.5
5.5
V
DC Input or Output Voltage
Vin, Vout
0
VDD
V
Input Rise or Fall Time
tr, tf
500
ns
Crystal Frequency*
fcrystal
3.2
5.0
MHz
* Changing the crystal frequency from 3.579 MHz will change the output frequencies. The
change in output frequency will be proportional to the change in crystal frequency.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised that
normal precautions be taken to avoid application
of any voltage higher than maximum rated
voltages to this high impedance circuit. For
proper operation it is recommended that Vin and
Vout be constrained to the range VSS ≤ (Vin or
Vout) ≤ VDD).
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD).


유사한 부품 번호 - MC145443B

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
MC145443BDW LANSDALE-MC145443BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145443BDW LANSDALE-MC145443BDW Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
MC145443BP LANSDALE-MC145443BP Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145443BP LANSDALE-MC145443BP Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
More results

유사한 설명 - MC145443B

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com