전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145407P 데이터시트(PDF) 7 Page - Motorola, Inc

부품명 MC145407P
상세설명  5 VOLT ONLY DRIVER / RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145407P 데이터시트(HTML) 7 Page - Motorola, Inc

  MC145407P Datasheet HTML 1Page - Motorola, Inc MC145407P Datasheet HTML 2Page - Motorola, Inc MC145407P Datasheet HTML 3Page - Motorola, Inc MC145407P Datasheet HTML 4Page - Motorola, Inc MC145407P Datasheet HTML 5Page - Motorola, Inc MC145407P Datasheet HTML 6Page - Motorola, Inc MC145407P Datasheet HTML 7Page - Motorola, Inc MC145407P Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC145407
MOTOROLA
7
1
VDD
VCC
C1+
20
C2+
1
10
µF
MC145407
MC145406
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
2
3
4
5
6
7
8
11
12
13
14
15
16
9
10
17
18
19
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
VSS
DO1
DI1
DO2
DI2
DO3
DI3
GND
GND
C2–
VSS
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
DI3
DO3
DI2
DO2
DI1
DO1
VDD
C1–
VCC
+ 5 V
10
µF
10
µF
10
µF
Figure 5. MC145406/MC145407 5 V Only Solution for up to Six EIA–232–E Drivers and Receivers
C1+
C1–
VCC
0.1
µF
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
9
12
10
11
C4
C2
C2+
GND
C2–
VSS
VDD
0.1
µF
+ 10 V
+ 5 V
Figure 6. Two Supply Configuration (MC145407 Generates VSS Only)
C1+
C1–
DO1
DI1
DO2
DI2
DO3
DI3
VCC
0.1
µF
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
TO
CONNECTOR
MMBZ15VDLT
× 6
9
12
10
11
C4
C2
C2+
GND
C2–
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
VSS
VDD
0.1
µF
C3
C1
+ 5 V
Figure 7. ESD Protection Scheme


유사한 부품 번호 - MC145407P

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
MC145407P LANSDALE-MC145407P Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
MC145407P LANSDALE-MC145407P Datasheet
173Kb / 8P
   5 Volt Only Driver
More results

유사한 설명 - MC145407P

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
ML145407 LANSDALE-ML145407_08 Datasheet
173Kb / 8P
   5 Volt Only Driver
logo
Motorola, Inc
MC145705 MOTOROLA-MC145705 Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
logo
LANSDALE Semiconductor ...
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
logo
Motorola, Inc
MC145583 MOTOROLA-MC145583 Datasheet
191Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC14529B MOTOROLA-MC14529B Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
logo
ATMEL Corporation
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
   8-megabit 5-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com