전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14562BD 데이터시트(PDF) 3 Page - Motorola, Inc

부품명 MC14562BD
상세설명  128-BIT STATIC SHIFT REGISTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14562BD 데이터시트(HTML) 3 Page - Motorola, Inc

  MC14562BD Datasheet HTML 1Page - Motorola, Inc MC14562BD Datasheet HTML 2Page - Motorola, Inc MC14562BD Datasheet HTML 3Page - Motorola, Inc MC14562BD Datasheet HTML 4Page - Motorola, Inc MC14562BD Datasheet HTML 5Page - Motorola, Inc MC14562BD Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
3
MC14562B
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q
tPLH, tPHL = (1.7 ns/pF) CL + 515 ns
tPLH, tPHL = (0.66 ns/pF) CL + 217 ns
tPLH, tPHL = (0.5 ns/pF) CL + 145 ns
tPLH,
tPHL
5.0
10
15
600
250
170
1200
500
340
ns
Clock Pulse Width
(50% Duty Cycle)
tWH
5.0
10
15
600
220
150
300
110
75
ns
Clock Pulse Frequency
fcl
5.0
10
15
1.9
5.6
8.0
1.1
3.0
4.0
MHz
Data to Clock Setup Time
tsu(1)
5.0
10
15
– 20
– 10
0
– 170
– 64
– 60
ns
tsu(0)
5.0
10
15
– 20
– 10
0
– 91
– 58
– 48
ns
Data to Clock Hold Time
th(1)
5.0
10
15
350
165
155
263
109
100
ns
th(0)
5.0
10
15
350
200
140
267
140
93
ns
Clock Input Rise and Fall Times
tr, tf
5.0
10
15
15
5
4
µs
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Power Dissipation Test Circuit and Waveforms
VDD
DATA
CLOCK
Q128
Q112
Q96
Q80
Q64
Q48
Q32
Q16
VSS
7
ID
500
µF
CL
CL
CL
CL
CL
CL
CL
CL
fo
CLOCK
DATA
(f = 1/2 fo)
VDD
VSS
VDD
VSS


유사한 부품 번호 - MC14562BD

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14562B ONSEMI-MC14562B Datasheet
117Kb / 8P
   128-Bit Static Shift Register
March, 2000 ??Rev. 3
MC14562BCP ONSEMI-MC14562BCP Datasheet
117Kb / 8P
   128-Bit Static Shift Register
March, 2000 ??Rev. 3
More results

유사한 설명 - MC14562BD

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14562B ONSEMI-MC14562B Datasheet
117Kb / 8P
   128-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14562B HITACHI-HD14562B Datasheet
69Kb / 5P
   128-bit Static Shift Register
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
   8-bit static shift register
January 1995
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
   8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14006B HITACHI-HD14006B Datasheet
77Kb / 5P
   18-bit Static Shift Register
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
   8-bit Static Shift Register
logo
NXP Semiconductors
HEF4021B NXP-HEF4021B Datasheet
89Kb / 14P
   8-bit static shift register
Rev. 04-10 November 2008
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
   8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
   8-bit static shift register
Rev. 11 - 1 December 2021
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com