전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74AC646DW 데이터시트(PDF) 5 Page - Motorola, Inc

부품명 MC74AC646DW
상세설명  OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC646DW 데이터시트(HTML) 5 Page - Motorola, Inc

  MC74AC646DW Datasheet HTML 1Page - Motorola, Inc MC74AC646DW Datasheet HTML 2Page - Motorola, Inc MC74AC646DW Datasheet HTML 3Page - Motorola, Inc MC74AC646DW Datasheet HTML 4Page - Motorola, Inc MC74AC646DW Datasheet HTML 5Page - Motorola, Inc MC74AC646DW Datasheet HTML 6Page - Motorola, Inc MC74AC646DW Datasheet HTML 7Page - Motorola, Inc MC74AC646DW Datasheet HTML 8Page - Motorola, Inc MC74AC646DW Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74AC646 MC74ACT646
5-5
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
4.0
10.5
16.5
3.0
18.5
ns
3-6
tPLH
Clock to Bus
5.0
2.5
7.5
12
2.0
13
ns
3-6
tPHL
Propagation Delay
3.3
3.0
9.5
14.5
2.5
16
ns
3-6
tPHL
Clock to Bus
5.0
2.0
6.5
10.5
1.5
11.5
ns
3-6
tPLH
Propagation Delay
3.3
2.5
7.5
12
2.0
13.5
ns
3-5
tPLH
Bus to Bus
5.0
1.5
5.0
8.0
1.0
9.0
ns
3-5
tPHL
Propagation Delay
3.3
1.5
7.5
12.5
1.5
13.5
ns
3-5
tPHL
Bus to Bus
5.0
1.5
5.0
9.0
1.0
9.5
ns
3-5
tPLH
Propagation Delay
3.3
5.0
2.0
1.5
8.5
6.0
13.5
10
1.5
1.5
15.5
11
ns
3-6
tPLH
SBA or SAB to An or Bn
(w/An or Bn HIGH or LOW)
3.3
5.0
2.0
1.5
8.5
6.0
13.5
10
1.5
1.5
15.5
11
ns
3-6
tPHL
Propagation Delay
3.3
5.0
1.5
1.5
8.5
6.0
13.5
10
1.5
1.5
15
11
ns
3-6
tPHL
SBA or SAB to An or Bn
(w/An or Bn HIGH or LOW)
3.3
5.0
1.5
1.5
8.5
6.0
13.5
10
1.5
1.5
15
11
ns
3-6
tPZH
Enable Time
G to An or Bn
3.3
2.5
7.0
11.5
2.0
12.5
ns
3-7
tPZH
G to An or Bn
5.0
1.5
5.0
8.5
1.5
9.0
ns
3-7
tPZL
Enable Time
G to An or Bn
3.3
2.5
7.5
12.5
2.0
14
ns
3-8
tPZL
G to An or Bn
5.0
1.5
5.5
9.0
1.5
10
ns
3-8
tPHZ
Disable Time
G to An or Bn
3.3
3.0
8.0
12.5
2.5
13.5
ns
3-7
tPHZ
G to An or Bn
5.0
2.0
6.5
10
2.0
11
ns
3-7
tPLZ
Disable Time
G to An or Bn
3.3
2.0
7.5
12
2.0
13.5
ns
3-8
tPLZ
G to An or Bn
5.0
1.5
6.0
9.5
1.5
10.5
ns
3-8
tPZH
Enable Time
DIR to An or Bn
3.3
2.0
6.5
11
1.5
12
ns
3-7
tPZH
DIR to An or Bn
5.0
1.5
5.0
7.5
1.0
8.5
ns
3-7
tPZL
Enable Time
DIR to An or Bn
3.3
2.5
7.0
11.5
2.0
13
ns
3-8
tPZL
DIR to An or Bn
5.0
1.5
5.0
8.0
1.0
9.0
ns
3-8
tPHZ
Disable Time
DIR to An or Bn
3.3
2.5
7.5
11.5
1.5
12.5
ns
3-7
tPHZ
DIR to An or Bn
5.0
1.5
5.5
9.5
1.5
10
ns
3-7
tPLZ
Disable Time
DIR to An or Bn
3.3
1.5
7.5
12
1.5
13.5
ns
3-8
tPLZ
DIR to An or Bn
5.0
1.5
5.5
9.5
1.5
10.5
ns
3-8
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


유사한 부품 번호 - MC74AC646DW

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74AC646DW ONSEMI-MC74AC646DW Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
MC74AC646DW ONSEMI-MC74AC646DW Datasheet
161Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74AC646DW ONSEMI-MC74AC646DW Datasheet
154Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74AC646DWR ONSEMI-MC74AC646DWR Datasheet
161Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74AC646DWR2 ONSEMI-MC74AC646DWR2 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
More results

유사한 설명 - MC74AC646DW

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
logo
NXP Semiconductors
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
logo
STMicroelectronics
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com