전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT646PW 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74LVT646PW
상세설명  3.3V Octal bus transceiver/register 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT646PW 데이터시트(HTML) 5 Page - NXP Semiconductors

  74LVT646PW Datasheet HTML 1Page - NXP Semiconductors 74LVT646PW Datasheet HTML 2Page - NXP Semiconductors 74LVT646PW Datasheet HTML 3Page - NXP Semiconductors 74LVT646PW Datasheet HTML 4Page - NXP Semiconductors 74LVT646PW Datasheet HTML 5Page - NXP Semiconductors 74LVT646PW Datasheet HTML 6Page - NXP Semiconductors 74LVT646PW Datasheet HTML 7Page - NXP Semiconductors 74LVT646PW Datasheet HTML 8Page - NXP Semiconductors 74LVT646PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
Product specification
74LVT646
3.3V Octal bus transceiver/register (3-State)
1998 Feb 19
5
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI < 0
–50
mA
VI
DC input voltage3
–0.5 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
Output in Off or High state
–0.5 to +7.0
V
IO
DC output current
Output in Low state
128
mA
IOUT
DC output current
Output in High state
–64
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
2.7
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Input voltage
0.8
V
IOH
High-level output current
–32
mA
IO
Low-level output current
32
mA
IOL
Low-level output current; current duty cycle
≤ 50%, f ≥ 1kHz
64
mA
∆t/∆v
Input transition rise or fall rate; Outputs enabled
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C


유사한 부품 번호 - 74LVT646PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT640 PHILIPS-74LVT640 Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640D PHILIPS-74LVT640D Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640D NEXPERIA-74LVT640D Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640DB PHILIPS-74LVT640DB Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
More results

유사한 설명 - 74LVT646PW

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com