전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT652DB 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74LVT652DB
상세설명  3.3V Octal transceiver/register, non-inverting 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT652DB 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT652DB Datasheet HTML 3Page - NXP Semiconductors 74LVT652DB Datasheet HTML 4Page - NXP Semiconductors 74LVT652DB Datasheet HTML 5Page - NXP Semiconductors 74LVT652DB Datasheet HTML 6Page - NXP Semiconductors 74LVT652DB Datasheet HTML 7Page - NXP Semiconductors 74LVT652DB Datasheet HTML 8Page - NXP Semiconductors 74LVT652DB Datasheet HTML 9Page - NXP Semiconductors 74LVT652DB Datasheet HTML 10Page - NXP Semiconductors 74LVT652DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74LVT652
3.3V Octal transceiver/register, non-inverting
(3-State)
1998 Feb 19
7
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
fMAX
Maximum clock frequency
1
150
180
MHz
tPLH
tPHL
Propagation delay
CPAB to Bn or CPBA to An
1
1.8
2.0
3.7
3.7
6.0
5.7
6.9
6.4
ns
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
2
1.2
1.0
2.8
2.6
4.7
4.6
5.5
5.3
ns
tPLH
tPHL
Propagation delay
SAB to Bn or SBA to An
3
1.4
1.4
3.7
4.0
6.4
6.2
7.6
6.8
ns
tPZH
tPZL
Output enable time
OEBA to An
5
6
1.0
1.0
2.9
3.0
5.8
6.0
7.2
7.3
ns
tPHZ
tPLZ
Output disable time
OEBA to An
5
6
2.2
1.8
3.9
3.2
6.5
5.8
6.9
5.9
ns
tPZH
tPZL
Output enable time
OEAB to Bn
5
6
1.0
1.2
3.3
3.4
6.5
6.3
7.5
7.1
ns
tPHZ
tPLZ
Output disable time
OEAB to Bn
5
6
1.7
1.5
4.5
3.8
7.2
5.8
8.1
6.3
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS
GND = 0V, tR = 2.5ns, tF = 2.5ns, CL = 50pF, RL = 500Ω, Tamb =40 °C to 85 °C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
ts(H)
ts(L)
Setup time 1
An to CPAB, Bn to CPBA
4
1.5
2.2
0.9
1.1
1.6
2.5
ns
th(H)
th(L)
Hold time 1
An to CPAB, Bn to CPBA
4
0
0
–1.0
–1.0
0.0
0.0
ns
tw(H)
tw(L)
Pulse width, High or Low
CPAB or CPBA
1
3.3
3.3
1.0
2.0
3.3
3.3
ns
NOTE:
1. This data sheet limit may vary among suppliers.


유사한 부품 번호 - 74LVT652DB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT623 PHILIPS-74LVT623 Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
74LVT623D PHILIPS-74LVT623D Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
74LVT623DB PHILIPS-74LVT623DB Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
74LVT623PW PHILIPS-74LVT623PW Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
74LVT623PWDH PHILIPS-74LVT623PWDH Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
More results

유사한 설명 - 74LVT652DB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
   Octal bus transceiver/register; 3-state; inverting
December 1990
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com