전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1229VEC 데이터시트(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM1229VEC
상세설명  I2C Compatible CMOS TV RGB and Deflection Processor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1229VEC 데이터시트(HTML) 4 Page - National Semiconductor (TI)

  LM1229VEC Datasheet HTML 1Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 2Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 3Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 4Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 5Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 6Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 7Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 8Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Video Signal Electrical Characteristics (Continued)
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V, VIN = 0.70 VP-P,VABL =VCC,CL = 10 pF, Video Outputs = 2.4 VP-P. See
(Note 7) for Min and Max parameters and (Note 6) for Typicals.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
A
V MIN GAIN/
A
V MAX GAIN
Maximum gain attenuation.
Maximum contrast, V
ABL = 5.0V.
–12
dB
A
V MATCH
Maximum gain match between
channels.
Maximum contrast, V
ABL = 5.0V.
±0.6
dB
A
V TRACK
Gain tracking channel to channel. AC input signal. See (Note 11).
±0.6
dB
V
ABL HIGH
ABL control range upper limit.
(Note 12), AC input signal.
4.5
V
V
ABL LOW
ABL control range lower limit.
(Note 12), AC input signal.
2.5
V
A
V 2.5/AV MAX
ABL Gain Reduction at V
ABL =
2.5V.
(Note 12), AC input signal.
−5.8
dB
I
ABL ACTIVE
ABL input bias current during
ABL.
(Note 12), AC input signal. V
ABL =
2.5V
10
µA
I
ABL MAX
ABL input current sink capability.
(Note 12), AC input signal.
1.0
mA
A
V ABL TRACK
ABL channel to channel gain
tracking error.
Input signal = 0.7 V
P-P, ABL voltage
set to 4.5V and 3.0V.
0
7.5
%
R
IP
Minimum input resistance (pins
45, 46, 47)
20
M
OSD Electrical Characteristics
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V. See (Note 7) for Min and Max parameters and (Note 6) for Typicals.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIGITAL MODE
V
LOW
Maximum low input voltage,
(OSD and Enable).
Enable: video inputs selected
OSD: OSD black displayed
1.0
V
V
HIGH
Minimum high input voltage,
(OSD and Enable).
Enable: OSD inputs selected
OSD: OSD colors displayed
3.0
V
V
OSD-11
OSD output amplitude.
OSD Enable = 1, OSD Contrast =
11.
2.65
V
V
OSD-10
OSD output amplitude.
OSD Enable = 1, OSD Contrast =
10.
2.35
V
V
OSD-01
OSD output amplitude.
OSD Enable = 1, OSD Contrast =
01.
2.15
V
V
OSD-00
OSD output amplitude.
OSD Enable = 1, OSD Contrast =
00.
1.75
V
V
OSD-AUX
OSD output amplitude (AUX).
OSD Enable = 1, OSD[5] = 1
3.0
V
∆V
OSD BLACK
Difference between OSD and video
black levels.
Same channel, contrast and gain =
0x60
−85
100
mV
∆V
OSD WHITE
Output Match between channels.
OSD Contrast = 11, maximum
difference between R, G and B
3%
V
OSD TRACK
Output Variation between channels. OSD contrast varied from max to
min
3%
HT
MAX
OSD background video maximum
level.
OSD[3] = 1, OSD TRANS = 0x7F.
See (Note 18).
100
%
HT
MIN
OSD background video minimum
level.
OSD[3] = 1, OSD TRANS = 0x00.
See (Note 18).
10
%
ANALOG MODE
A
V ANALOG OSD
Analog gain from pins 41, 42, 43 to
the video outputs, with input level
0.7 V
PP.
OSD Enable = 1, Gains at
maximum.
3.75
V/V
www.national.com
4


유사한 부품 번호 - LM1229VEC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
More results

유사한 설명 - LM1229VEC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
logo
STMicroelectronics
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
   EDDC Enhanced Deflection Controller and RGB Processor
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
Toshiba Semiconductor
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
logo
Sony Corporation
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
CXA2095S SONY-CXA2095S Datasheet
428Kb / 40P
   Y/C/RGB/Sync/Deflection for Color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com